Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 4Page - STMicroelectronics L9658 Datasheet HTML 5Page - STMicroelectronics L9658 Datasheet HTML 6Page - STMicroelectronics L9658 Datasheet HTML 7Page - STMicroelectronics L9658 Datasheet HTML 8Page - STMicroelectronics L9658 Datasheet HTML 9Page - STMicroelectronics L9658 Datasheet HTML 10Page - STMicroelectronics L9658 Datasheet HTML 11Page - STMicroelectronics L9658 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Pin description
L9658
8/64
Doc ID 14219 Rev 3
2
Pin description
Table 2.
Pin function
Pin #
Pin name
Description
I/O type
Reset state
1
MSG
Message waiting
Output
Pull-down
2
MISO
SPI data out
Output
Hi-Z
3
MISO_A
Arming SPI data out
Output
Hi-Z
4
NC
No connect
-
-
5
RESETB
Reset pin
Input
Pull-up
6
GND
Signal ground (analog & digital)
-
-
7
VDD
VDD supply voltage
Input
-
8
NC
No connect
-
-
9
CS_A
SPI chip select for arming interface
Input
Pull-down
10
CS_S
SPI chip select for satellite interface
Input
Pull-down
11
CS_D
SPI chip select for deployment driver
Input
Pull-down
12
DEPEN
Deployment enable
Input
Pull-down
13
MOSI
SPI data in
Input
Hi-Z
14
MOSI_A
Arming SPI data in
Input
Hi-Z
15
SCLK_A
Arming SPI Clock
Input
Hi-Z
16
SCLK
SPI clock
Input
Hi-Z
17
GND4
Power ground for loop channel 4
-
-
18
SQL4
Low side driver output for channel 4
Output
Pull-down
19
SQH4
High side driver output for channel 4
Output
Hi-Z
20
VRES4
Reserve voltage for loop channel 4
Input
-
21
VRES5
Reserve voltage for loop channel 5
Input
-
22
SQH5
High side driver output for channel 5
Output
Hi-Z
23
SQL5
Low side driver output for channel 5
Output
Pull-down
24
GND5
Power ground for loop channel 5
-
-
25
GND6
Power ground for loop channel 6
-
-
26
SQL6
Low side driver output for channel 6
Output
Pull-down
27
SQH6
High side driver output for channel 6
Output
Hi-Z
28
VRES6
Reserve voltage for loop channel 6
Input
-
29
VRES7
Reserve voltage for loop channel 7
Input
-
30
SQH7
High side driver output for channel 7
Output
Hi-Z
31
SQL7
Low side driver output for channel 7
Output
Pull-down
32
GND7
Power ground for loop channel 7
-
-
33
NC
No connect
-
-
34
IF4/V4
Current feedback for channel 4 raw or raw data output
for channel 4
Output
Hi-Z
35
IF3/V3
Current feedback for channel 3 raw or data output for
channel 3
Output
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com