Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 42Page - STMicroelectronics L9658 Datasheet HTML 43Page - STMicroelectronics L9658 Datasheet HTML 44Page - STMicroelectronics L9658 Datasheet HTML 45Page - STMicroelectronics L9658 Datasheet HTML 46Page - STMicroelectronics L9658 Datasheet HTML 47Page - STMicroelectronics L9658 Datasheet HTML 48Page - STMicroelectronics L9658 Datasheet HTML 49Page - STMicroelectronics L9658 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Functional description
L9658
46/64
Doc ID 14219 Rev 3
DEPEN status flag (bit D12) indicates the state of DEPEN pin.
ARM status flag indicates the state of the respective arming signal, including the pulse
stretch timer. If the pulse stretch timer is initiated by a deployment command, it does not
assert the arming status flag. This flag is de/asserted as soon as the de-glitch timer is
expired.
Deploy status bits (bit D7 through bit D0) report the status of internal deployment. Bit D8 in
the monitor mode command determines which status information device needs to be
reported in D7 through bit D0.
4.12.4
Deployment driver SPI fault response
This SPI fault response indicates a fault in the last MOSI transmission. The device uses the
parity bit to determine the integrity of the MOSI command transmission. This response is
defined as shown in the following table.
4.13
Arming SPI bit definition
4.13.1
Arming MOSI_A bit definition
Arming MOSI_A is defined as shown in figure below.
4.13.2
ARM[01..67]
Arming command. These bits are used to enable/disable arming signal. A value of 1
enables the arming signal for the respective loop-pair. A value of 0 disables the arming
signal for the respective loop-pair. When device is in reset, all arming signals are disabled.
Table 29.
MISO SPI fault response
Bit
State
Description
D15
1
Always ‘1’
D14
1
Always ‘1’
D13
1
Always ‘1’
D12
0
Parity error or message error during a deployment(1)
1.
When a parity error is detected, the L9658 reports E000h. During a deployment, when an invalid message
is detected, he L9658 reports also E000h. Refer to Table 12 for the description of an invalid message
during a deployment. Bit D12 reports an incorrect number of clocks/bits. When an incorrect number of
clocks/bits is detected, bit D12 is asserted (F000h).
1
Incorrect number of clocks/bits
D11 – D0
0
Don’t Care
Table 30.
Arming MOSI_A bit definition
7654321
0
ARM67
ARM45
ARM23
ARM01
ARM67*
ARM45*
ARM23*
ARM01*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com