Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 8Page - STMicroelectronics L9658 Datasheet HTML 9Page - STMicroelectronics L9658 Datasheet HTML 10Page - STMicroelectronics L9658 Datasheet HTML 11Page - STMicroelectronics L9658 Datasheet HTML 12Page - STMicroelectronics L9658 Datasheet HTML 13Page - STMicroelectronics L9658 Datasheet HTML 14Page - STMicroelectronics L9658 Datasheet HTML 15Page - STMicroelectronics L9658 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Electrical specification
L9658
12/64
Doc ID 14219 Rev 3
VRES = 6.5 to 35 V, VDD = 4.9 to 5.1 V, V8BUCK = 7.0 V to 8.5 V, Tamb = -40 °C to +95 °C
Table 7.
DC Specification: deployment drivers
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Units
VOH
Output voltage AOUT
High saturation voltage;
IAOUT = -500 A
VDD-
0.4
--
V
VOL
Low saturation voltage;
IAOUT = +500 A
--
0.3
V
IZ
Tri-state current AOUT
AOUT = VDD
--
1
A
AOUT = 0 V
-1
-
-
A
ILKG
Leakage current SQH
V8BUCK = VDD = 0, VRES = 36 V,
VSQH = 0V
--
50
A
ISTG
V8BUCK = 18 V; VDD = 5 V;
VSQH = -0.3 V
-5
-
-
mA
ILKG
Bias current VRES(1)
V8BUCK = 18 V; VDD = 5 V;
VRES = 36 V; SQH shorted to SQL
--
10
A
ILKG
Leakage current SQL
V8BUCK = VDD = 0, VSQL = 18 V
-10
-
10
A
ISTG
V8BUCK = 18 V; VDD = 5 V; VSQL = -0.3 V
-5
-
mA
ISTB
V8BUCK = 18 V; VDD = 5 V; VSQL = 18 V
-5
mA
IPD
Pull-down current SQL
VSQL = 1.8 V to VDD
900
-
1300
A
IPD_SQH
Pull-down current SQH
VSQH = SBTH to VRES
900
-
1300
A
VBIAS
Diagnostics Bias Voltage
ISQH = -1.5 mA (nominal: 2.0 V)
1.80
-
2.20
V
IBIAS
Diagnostics Bias Current
VSQH = 0 V
-7
-
IPD
VSTB
Short to battery threshold (Nominal 3.0 V)
2.70
-
3.30
V
VSTG
Short to ground threshold (Nominal 1.0 V)
0.90
-
1.10
V
VI_th
MOS test load voltage
detection
-
100
-
300
mV
ISRC
Resistance measurement
current source
VDD = 5.0 V; V8BUCK = 7.0 V to 26.5 V
38
-
42
mA
ISINK
Resistance measurement
current sink
-45
-
55
mA
RDSon
Total high and low side
MOS On resistance
High side MOS + Low Side
MOS VRES = 6.9 V; I = 1.2 A @95 °C
--
2.0
RDSon
High side MOS on
resistance
VRES = 35V; IVRES = 1.2A; Tamb = 95°C
-
-
0.8
RDSon
Low side MOS on
resistance
VRES = 35V; IVRES = 1.2A; Tamb = 95°C
-
-
1.2
IDEPL_12A
Deployment current
MOSI register mode bit D10=”0”
RLOAD = 1.7 VRES = 6.9 to 35 V
1.20
-
1.47
A
IDEPL_175A
MOSI register mode bit D10=”1”
RLOAD = 1.7 VRES = 12 to 35 V
1.75
-
2.14
A
ILIM
Low side MOS current limitRLOAD = 1.7 
2.15
-
3.5
A
RL RANGE
Load resistance range(2)
-
0
-
10.0
1.
Not applicable during a diagnostic.
2.
Test conditions for load resistance measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com