Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 42Page - Cirrus Logic CS4399 Datasheet HTML 43Page - Cirrus Logic CS4399 Datasheet HTML 44Page - Cirrus Logic CS4399 Datasheet HTML 45Page - Cirrus Logic CS4399 Datasheet HTML 46Page - Cirrus Logic CS4399 Datasheet HTML 47Page - Cirrus Logic CS4399 Datasheet HTML 48Page - Cirrus Logic CS4399 Datasheet HTML 49Page - Cirrus Logic CS4399 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
46
DS1113F1
CS4399
4.12 Control Port Operation
The control-port uses the I2C interface, with the chip acting as a slave device. The I2C control port can operate in the
following modes:
• Standard Mode (SM), with a bit rate of up to 100 kbit/s
• Fast Mode (FM), with a bit rate of up to 400 kbit/s
• Fast Mode Plus (FM+), with a bit rate of up to 1 Mbit/s
SDA is a bidirectional data line. Data is clocked into and out of the CS4399 by the SCL clock. Fig. 4-29, Fig. 4-30, and
Fig. 4-31 show signal timings for read and write cycles. A Start condition is defined as a falling transition of SDA while SCL
is high. A stop condition is defined as a rising transition of SDA while SCL is high. All other transitions of SDA must occur
while SCL is low.
To configure the last two bits of I2C address, CS4399 detects the ADR resistor connection type and measures the
resistance upon a device power up (POR event) or after a hardware reset event (RESET deasserted). Based on the
detected resistance, the I2C address is latched and cannot be changed until the next hardware reset event. The I2C
address configuration is not ready until tPUD after the hardware reset event. During this period, the CS4399 does not
respond to any user-issued I2C command. After configuration, the IC tristates the ADR pin and becomes high impedance
internally to avoid a constant bias current.
When the ADR pin is directly connected to ground, the last two bits of the I2C address are configured as 00 (default). For
the other options, use a resistor (with 5% accuracy) as suggested in the Table 4-12.
If the operation is a write, the 3 bytes after the chip address are the memory address pointer (MAP) that select the address
of the register to be read or written to next. The byte following the MAP is the control byte. Bit[0] of the control byte, INCR,
selects whether autoincrementing is to be used (INCR = 1), allowing successive reads or writes of consecutive registers.
Bits[2:1] of the control byte indicate the size of the data for the autoincrement to be acted on. Table 4-13 explains the
format for the I2C control byte.
Each byte transferred on the I2C bus is separated by an acknowledge (ACK) bit. The CS4399 acknowledges each input
byte read from the host, and the host must acknowledge each byte transmitted from the CS4399.
Table 4-12. I2C Address Configurations
Connection Type
Resistor Value (
)
Last Two Bits of I2C Address
Pull-up to VL
0
11
Pull-up to VL
4990
10
Pull-down to GND
4990
01
Pull-down to GND
0
00 (Default)
Table 4-13. I2C Control-Byte Format
Bit
Name
Description
7:3
—
Reserved
Default: 0
2:1
SIZE
Register access width. Specifies the width of the register access.
00 8-bit (1 byte)
01–11 Reserved
0
INCR
Setting this bit allows the MAP address to autoincrement. The MAP address automatically increments every SIZE + 1 bytes
accessed consecutively.
0 Disabled
1 Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com