Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 74Page - Cirrus Logic CS4399 Datasheet HTML 75Page - Cirrus Logic CS4399 Datasheet HTML 76Page - Cirrus Logic CS4399 Datasheet HTML 77Page - Cirrus Logic CS4399 Datasheet HTML 78Page - Cirrus Logic CS4399 Datasheet HTML 79Page - Cirrus Logic CS4399 Datasheet HTML 80Page - Cirrus Logic CS4399 Datasheet HTML 81Page - Cirrus Logic CS4399 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
78
DS1113F1
CS4399
7.3 ASP and XSP Registers
7.3.3
ASP Numerator 2
Address 0x40011
R/W
76543210
ASP_N_MSB
Default
00000000
Bits
Name
Description
7:0
ASP_N_MSB The value in this register cannot be changed while the serial port is powered up.
ASP sample rate fractional divide numerator MSB. Along with ASP_M_MSB/LSB, selects the fractional divide value for
setting the SCLK frequency.
(Default) ASP_N = 1
7.3.4
ASP Denominator 1
Address 0x40012
R/W
76543210
ASP_M_LSB
Default
00001000
Bits
Name
Description
7:0
ASP_M_LSB The value in this register cannot be changed while the serial port is powered up.
ASP sample rate fractional divide denominator LSB. Along with ASP_N_MSB/LSB, selects the fractional divide value for
setting the SCLK frequency.
(Default) ASP_M = 8
7.3.5
ASP Denominator 2
Address 0x40013
R/W
76543210
ASP_M_MSB
Default
00000000
Bits
Name
Description
7:0 ASP_M_MSB The value in this register cannot be changed while the serial port is powered up.
ASP sample rate fractional divide denominator LSB. Along with ASP_N_MSB/LSB, selects the fractional divide value for
setting the SCLK frequency.
(Default) ASP_M = 8
7.3.6
ASP LRCK High Time 1
Address 0x40014
R/W
76543210
ASP_LCHI_LSB
Default
00011111
Bits
Name
Description
7:0
ASP_LCHI_
LSB
The value in this register cannot be changed while the serial port is powered up.
ASP LRCK high duration, in units of ASP_SCLK periods stored in ASP_LCHI_MSB/LSB. This value must be less than
ASP_LCPR.
(Default) ASP_LCHI = 31
7.3.7
ASP LRCK High Time 2
Address 0x40015
R/W
76543210
ASP_LCHI_MSB
Default
00000000
Bits
Name
Description
7:0
ASP_LCHI_
MSB
The value in this register cannot be changed while the serial port is powered up.
ASP LRCK high duration, in units of ASP_SCLK periods stored in ASP_LCHI_MSB/LSB. This value must be less than
ASP_LCPR.
(Default) ASP_LCHI = 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com