Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 33Page - Cirrus Logic CS4399 Datasheet HTML 34Page - Cirrus Logic CS4399 Datasheet HTML 35Page - Cirrus Logic CS4399 Datasheet HTML 36Page - Cirrus Logic CS4399 Datasheet HTML 37Page - Cirrus Logic CS4399 Datasheet HTML 38Page - Cirrus Logic CS4399 Datasheet HTML 39Page - Cirrus Logic CS4399 Datasheet HTML 40Page - Cirrus Logic CS4399 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
DS1113F1
37
CS4399
4.8 Audio Serial Port (ASP)
The LRCK-high width (xSP_LCHI) controls the number of SCLK periods for which the LRCK signal is held high during
each frame. Like the LRCK period, the LRCK-high width is programmable in single SCLK periods, from a minimum of one
period to a maximum of the LRCK period minus one (and an absolute maximum of 768 SCLK periods). That is, LRCK-high
width must be less than the LRCK period.
Figure 4-19. xSP LRCK Period, High Width
As shown in Fig. 4-20, if Serial Port 50/50 Mode is enabled (xSP_5050 = 1), the LRCK high duration must be programmed
to the LRCK period divided by two (rounded down to the nearest integer when the LRCK period is odd). When the serial
port is in 50/50 Mode, setting the LRCK high duration to a value other than half of the period results in erroneous operation.
Figure 4-20. xSP_LRCK Period, High Width, 50/50 Mode
SCLK
LRCK
Falling
Edge
Rising
Edge
xSP_LCPR
xSP_LCHI
...
...
...
...
...
...
SCLK
LRCK
Falling
Edge
Rising
Edge
xSP_LCPR
xSP_LCHI
SCLK
LRCK
Falling
Edge
Rising
Edge
xSP_LCPR
xSP_LCHI
Even xSP _LCPR
Odd xSP _LCPR
xSP_LCPR count clock is absent
xSP_LCHI
...
...
...
...
...
...
...
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com