Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 24Page - Cirrus Logic CS4399 Datasheet HTML 25Page - Cirrus Logic CS4399 Datasheet HTML 26Page - Cirrus Logic CS4399 Datasheet HTML 27Page - Cirrus Logic CS4399 Datasheet HTML 28Page - Cirrus Logic CS4399 Datasheet HTML 29Page - Cirrus Logic CS4399 Datasheet HTML 30Page - Cirrus Logic CS4399 Datasheet HTML 31Page - Cirrus Logic CS4399 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
28
DS1113F1
CS4399
4.4 Headphone Presence Detect
4.4.1
Headphone Presence Detect
The CS4399 supports headphone presence-detect capability via the HP_DETECT sense pin. HP_DETECT is debounced
to filter out brief events before being reported to the corresponding presence-detect status bit and generating an interrupt
if appropriate.
4.4.1.1 Headphone Detect Methods
CS4399 can detect the presence or absence of a plug. For a headphone-presence detect, a sense pin is connected to a
terminal on the receptacle such that, if no plug is inserted, the pin is floating. If a plug is inserted, the pin is shorted to the
tip (T) terminal. The presence detect function is accomplished by having a small current source inside the CS4399 to pull
up the pin if it is left floating (no plug). If a plug is inserted and the sense pin is shorted to headphone output, the sense
pin is shorted to the output signal and, therefore, is pulled below a certain threshold via the output stage of the HP amp.
Thus, a low level at the sense pin indicates plug inserted, and a high level at the sense pin indicates plug removed.
4.4.1.2 Headphone Detect Registers
This section describes the behavior and interaction of the headphone-detect debounce register fields. See Fig. 4-8 for
reference.
Figure 4-8. Headphone Detect Block Diagram
• HPDETECT_CTRL configures the operation of the HP detect circuit.
• HPDETECT_INV inverts the signal from the HP detect circuit.
• HPDETECT_FALL_DBC_TIME configures the HP_DETECT falling debounce time.
• HPDETECT_RISE_DBC_TIME configures the HP_DETECT rising debounce time.
• HPDETECT_PLUG_DBC shows the falling-edge-debounced version of HP_DETECT signal.
• HPDETECT_UNPLUG_DBC shows the rising-edge-debounced version of HP_DETECT signal.
• HPDETECT_PLUG_INT shows the headphone plug-in event status.
• HPDETECT_UNPLUG_INT shows the headphone unplug event status.
• HPDETECT_PLUG_INT_MASK is the interrupt mask of headphone plug-in event status.
• HPDETECT_UNPLUG_INT_MASK is the interrupt mask of headphone unplug event status.
4.4.1.3 Headphone Detect and Interrupts Setup Instructions
The following steps are required for activation of headphone-detect debounce interrupt status:
1. Ensure the I2C is ready to respond to control port command.
2. Clear the interrupt masks.
HP_DETECT
0
1
HP Detect Block
No
Delay
HP Detect
Plug/Unplug
Detect
HP Detect
Plug/Unplug Interrupt
Mask
HP Detect
Plug/Unplug Interrupt
Status
Interrupt Handler Block
INT
Read
Deasserts INT
FALL_DEBOUNCE
RISE DEBOUNCE
No
Delay
HP Detect
Debounced Status
HPDETECT_CTRL p. 89
HPDETECT_PLUG_INT
p. 90
HPDETECT_UNPLUG_
INT p. 90
HPDETECT_RISE_DBC_TIME p. 89
HPDETECT_FALL_DBC_TIME p. 89
HPDETECT_INV p. 89
HPDETECT_PLUG_DBC p. 89
HPDETECT_UNPLUG_DBC p. 90
HPDETECT_PLUG_INT_
MASK p. 92
HPDETECT_UNPLUG_
INT_MASK p. 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com