Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 9Page - Cirrus Logic CS4399 Datasheet HTML 10Page - Cirrus Logic CS4399 Datasheet HTML 11Page - Cirrus Logic CS4399 Datasheet HTML 12Page - Cirrus Logic CS4399 Datasheet HTML 13Page - Cirrus Logic CS4399 Datasheet HTML 14Page - Cirrus Logic CS4399 Datasheet HTML 15Page - Cirrus Logic CS4399 Datasheet HTML 16Page - Cirrus Logic CS4399 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
DS1113F1
13
CS4399
3 Characteristics and Specifications
Other characteristics
for AOUTx
Interchannel gain mismatch (defined in Table 3-1)—
±0.1
—
dB
Interchannel phase mismatch (defined in Table 3-1)—
±0.05
—
°
Output offset voltage: Mute (defined in Table 3-1)—
±0.5
±1
mV
Gain drift (defined in Table 3-1)
—
±100
—
ppm/°C
Load resistance (RL)600
—
—
Load capacitance (CL)—
—
1
nF
Turn-on time (defined in Table 3-1)—
—
10
ms
Click/pop during PDN_HP enable or disable
A-weighted
—
—
–60
dBV
1.This table also applies to external VCP_FILT supply mode: CS4399 power up procedure is per description in Section 5.10.1; EXT_VCPFILT = 1; VCP_
FILT+ and VCP_FILT– comply to
Table 3-2 when EXT_VCPFILT = 1; in this mode, HV_EN setting becomes don’t care.
2.One LSB of triangular PDF dither is added to PCM data.
3.Referred to the typical full-scale voltage. Applies to all THD+N and dynamic range values in the table.
4.DSD performance may be limited by the source recording. 0 dB-SACD = 50% modulation index.
5.The volume must be configured as indicated to achieve specified output characteristics.
6.Output test configuration. Symbolized component values are specified in the test conditions.
Table 3-5. Combined DAC Digital, On-Chip Analog and AOUTx Filter Characteristics
Test conditions (unless specified otherwise): The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired
sample rate by multiplying the given characteristic by Fs. Single-Speed Mode refers to 32-, 44.1-, and 48-kHz sample rates. Double-Speed Mode refers
to 88.2- and 96-kHz sample rates. Quad-Speed Mode refers to 176.4- and 192-kHz sample rates. Octuple-Speed Mode refers to 352.8- and 384-kHz
sample rates. MCLK_INT is an integer multiple of Fs; HPF disabled; no DC offset applied; group delay does not include serial port delay.
Parameter
Minimum Typical Maximum Units
Fast Roll-Off
(FILTER_SLOW_FASTB =0)
Single-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
8.44 3
—
—
—
0.4535 4
0.49
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.01-dB corner 5
–0.01
—
+0.01
dB
Stopband
0.547
—
—
Fs
Stopband attenuation 6
PHCOMP_LOWLATB =0
PHCOMB_LOWLATB = 1
110 7
105
—
—
—
—
dB
dB
Group delay (linear phase)
PHCOMB_LOWLATB = 1
—
39.5/Fs 8
—s
Group delay (minimum phase)
PHCOMB_LOWLATB = 0
—
6.3/Fs 9
—s
Deemphasis error 10
(Relative to 1 kHz)
Fs = 44.1 kHz
—
—
±0.14
dB
Fast Roll-Off
(FILTER_SLOW_FASTB =0)
Double-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
7.77
—
—
—
0.227
0.48
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.01-dB corner
–0.01
—
0.01
dB
Stopband
0.583
—
—
Fs
Stopband attenuation 6
80
—
—
dB
Group delay (linear phase)
PHCOMB_LOWLATB = 1
—
22.3/Fs
—
s
Group delay (minimum phase)
PHCOMB_LOWLATB = 0
—
7.5/Fs
—
s
Table 3-4. Analog Output Characteristics (HV_EN = 1) 1 (Cont.)
Test conditions (unless otherwise specified): Fig. 2-1 shows CS4399 connections; input test signal is a 32-bit, full-scale 997-Hz sine wave (unless specified
otherwise); GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground; ASP_M/Sb = 1; typical, min/max performance data taken with VA =
VCP = 1.8 V; VL = VD = 1.8 V; VP = 3.6 V; TA = +25°C; measurement bandwidth is 20 Hz–20 kHz; ASP_SPRATE = 0001 (LRCK = 44.1-kHz mode);
PDN_XTAL = 0, MCLK_INT = 1, and MCLK_SRC_SEL = 00 (crystal frequency fXTAL = 22.5792 MHz); Volume = 0 dB; when testing in DSD processor
mode, DSD_ZERODB = 1
; when testing noise related specifications (dynamic range, THD+N, idle channel noise), no external impedance on REFx.
PCM and DSD Processor Mode Parameter 2,3,4
Minimum
Typical
Maximum
Units
Test Load
AOUTA
CLA
REFA
RLA
Measurement
Device
–
+
–
+
AOUTB
REFB
CH1
CH2
CLB
RLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com