Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 66Page - Cirrus Logic CS4399 Datasheet HTML 67Page - Cirrus Logic CS4399 Datasheet HTML 68Page - Cirrus Logic CS4399 Datasheet HTML 69Page - Cirrus Logic CS4399 Datasheet HTML 70Page - Cirrus Logic CS4399 Datasheet HTML 71Page - Cirrus Logic CS4399 Datasheet HTML 72Page - Cirrus Logic CS4399 Datasheet HTML 73Page - Cirrus Logic CS4399 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
70
DS1113F1
CS4399
6 Register Quick Reference
0x04 0005–
0x04 000F
Reserved
—
0
000000
0
0x04 0010 ASP Numerator 1
ASP_N_LSB
p. 77
0
000000
1
0x04 0011 ASP Numerator 2
ASP_N_MSB
p. 78
0
000000
0
0x04 0012 ASP Denominator 1
ASP_M_LSB
p. 78
0
000100
0
0x04 0013 ASP Denominator 2
ASP_M_MSB
p. 78
0
000000
0
0x04 0014 ASP LRCK High Time
1
ASP_LCHI_LSB
p. 78
0
001111
1
0x04 0015 ASP LRCK High Time
2
ASP_LCHI_MSB
p. 78
0
000000
0
0x04 0016 ASP LRCK Period 1
ASP_LCPR_LSB
p. 79
0
011111
1
0x04 0017 ASP LRCK Period 2
ASP_LCPR_MSB
p. 79
0
000000
0
0x04 0018 ASP Clock
Configuration
—
ASP_M/SB
ASP_SCPOL_
OUT
ASP_SCPOL_
IN
ASP_LCPOL_
OUT
ASP_LCPOL_
IN
p. 79
0
000110
0
0x04 0019 ASP Frame
Configuration
—
ASP_STP
ASP_5050
ASP_FSD
p. 79
0
000101
0
0x04 001A–
0x04 001F
Reserved
—
0
000000
0
0x04 0020 XSP Numerator 1
XSP_N_LSB
p. 80
0
000000
1
0x04 0021 XSP Numerator 2
XSP_N_MSB
p. 80
0
000000
0
0x04 0022 XSP Denominator 1
XSP_M_LSB
p. 80
0
000001
0
0x04 0023 XSP Denominator 2
XSP_M_MSB
p. 80
0
000000
0
0x04 0024 XSP LRCK High Time
1
XSP_LCHI_LSB
p. 81
0
001111
1
0x04 0025 XSP LRCK High Time
2
XSP_LCHI_MSB
p. 81
0
000000
0
0x04 0026 XSP LRCK Period 1
XSP_LCPR_LSB
p. 81
0
011111
1
0x04 0027 XSP LRCK Period 2
XSP_LCPR_MSB
p. 81
0
000000
0
0x04 0028 XSP Clock
Configuration
—
XSP_M/SB
XSP_SCPOL_
OUT
XSP_SCPOL_
IN
XSP_LCPOL_
OUT
XSP_LCPOL_
IN
p. 81
0
000110
0
0x04 0029 XSP Frame
Configuration
—
XSP_STP
XSP_5050
XSP_FSD
p. 82
0
000101
0
0x04 002A–
0x04 FFFF
Reserved
—
0
000000
0
0x05 0000 ASP Channel 1
Location
ASP_RX_CH1
p. 82
0
000000
0
0x05 0001 ASP Channel 2
Location
ASP_RX_CH2
p. 82
0
000000
0
0x05 0002–
0x05 0009
Reserved
—
0
000000
0
0x05 000A ASP Channel 1 Size
and Enable
—
ASP_RX_
CH1_AP
ASP_RX_
CH1_EN
ASP_RX_CH1_RES
p. 82
0
000011
0
0x05 000B ASP Channel 2 Size
and Enable
—
ASP_RX_
CH2_AP
ASP_RX_
CH2_EN
ASP_RX_CH2_RES
p. 82
0
000111
0
0x05 000C–
0x05 FFFF
Reserved
—
0
000000
0
0x06 0000 XSP Channel 1
Location
XSP_RX_CH1
p. 83
0
000000
0
Table 6-1. Register Quick Reference (Cont.)
Address
Function
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com