Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 80Page - Cirrus Logic CS4399 Datasheet HTML 81Page - Cirrus Logic CS4399 Datasheet HTML 82Page - Cirrus Logic CS4399 Datasheet HTML 83Page - Cirrus Logic CS4399 Datasheet HTML 84Page - Cirrus Logic CS4399 Datasheet HTML 85Page - Cirrus Logic CS4399 Datasheet HTML 86Page - Cirrus Logic CS4399 Datasheet HTML 87Page - Cirrus Logic CS4399 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
84
DS1113F1
CS4399
7.4 DSD Registers
7.4 DSD Registers
7.4.1
DSD Volume B
Address 0x70000
R/W
76543210
DSD_VOLUME_B
Default
01111000
Bits
Name
Description
7:0
DSD_
VOLUME_B
Digital volume control registers for DSD processor channel B. It allows independent control of the signal level in 1/2 dB
increments from 0 dB. Volume settings are decoded as shown below. The volume changes are dictated by the DSD_
SZC bit. The same condition applies to DSD_VOLUME_A setting.
0000 0000 0 dB
0000 0001 –0.5 dB
...
01111000 –60 dB (Default)
...
1111 1110 –127 dB
1111 1111 Digital mute
7.4.2
DSD Volume A
Address 0x70001
R/W
76543210
DSD_VOLUME_A
Default
01111000
Bits
Name
Description
7:0
DSD_
VOLUME_A
Digital volume control registers for channel A. See DSD_VOLUME_B for description.
7.4.3
DSD Processor Path Signal Control 1
Address 0x70002
R/W
76543210
—
DSD_VOL_
BEQA
DSD_SZC
—
DSD_AMUTE DSD_AMUTE_
BEQA
DSD_MUTE_A DSD_MUTE_B
Default
10101000
Bits
Name
Description
7—
Reserved
6DSD_VOL_
BEQA
DSD_VOLUME_B equals DSD_VOLUME_A.
0 (Default) Volume setting of both channels in DSD processor are controlled independently
1 Volume setting of both channels are controlled by DSD_VOLUME_A. DSD_VOLUME_B is ignored
5
DSD_SZC
Soft ramp control.
0 Immediate change
1 (Default) Soft ramp
4—
Reserved
3
DSD_AMUTE DSD auto mute.
0 Function disabled
1 (Default) Mute occurs after reception of 256 repeated 8-bit DSD mute patterns. A single bit not fitting the repeated
pattern releases the mute. Detection and muting is done independently for each channel.
2DSD_
AMUTE_
BEQA
DSD Processor Auto mute channel B equals channel A.
0 (Default) Function disabled
1 Only mute when both channels AMUTE conditions are detected
1DSD_MUTE_
A
DSD Processor Channel A mute.
0 (Default) Function is disabled
1 Channel output is muted. Muting function is affected by the DSD_SZC bit
0DSD_MUTE_
B
DSD Processor Channel B mute.
0 (Default) Function is disabled.
1 Channel output is muted. Muting function is affected by the DSD_SZC bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com