Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4399 Datasheet HTML 1Page - Cirrus Logic CS4399 Datasheet HTML 2Page - Cirrus Logic CS4399 Datasheet HTML 3Page - Cirrus Logic CS4399 Datasheet HTML 4Page - Cirrus Logic CS4399 Datasheet HTML 5Page - Cirrus Logic CS4399 Datasheet HTML 6Page - Cirrus Logic CS4399 Datasheet HTML 7Page - Cirrus Logic CS4399 Datasheet HTML 8Page - Cirrus Logic CS4399 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
Copyright
 Cirrus Logic, Inc. 2015–2016
(All Rights Reserved)
http://www.cirrus.com
130-dB, 32-Bit High-Performance DAC
System Features
• Enhanced
 oversampling DAC architecture
— 32-bit resolution
— Up to 384-kHz sampling rate
— Low clock jitter sensitivity
— Auto mute detection
• Integrated high performance outputs
— 130-dB dynamic range (A-weighted)
— –108-dB total harmonic distortion + noise (THD+N)
— 110-dB interchannel isolation
• Headphone detection
— Headphone plug-in detection
— Popguard® technology eliminates pop noise
• Integrated PLL
— Support for 11.2896-/22.5792-, 12.288-/24.576-, 9.6-/
19.2-, 12-/24-, and 13-/26-MHz system MCLK rates
— Reference clock sourced from XTI/MCLK pin
— System clock output
• Mono mode support
•I2C control—up to 1 MHz
• Direct Stream Digital (DSD®) path
— Patented DSD processor
– On-chip 50-kHz filter to meet Scarlet Book Super
Audio Compact Disk (SACD) recommendations
– Matched PCM and DSD analog output levels
– Nondecimating volume control with 0.5-dB step size
and soft ramp
– DSD and Pulse-code modulation (PCM) mixing for
alerts
— Dedicated DSD and DoP pin interface
• Serial audio input path
— Five selectable digital filter responses
– Low-latency mode minimizes pre-echo
– 110 dB of stopband attenuation
— Supports sample rates from 32 to 384 kHz
—I2S, right-justified, left-justified, TDM, and
DSD-over-PCM (DoP) interface
— Master or slave operation
— Volume control with 0.5-dB step size and soft ramp
— 44.1 kHz deemphasis and inverting feature
• 40-pin QFN or 42-ball CSP package option
Applications
• Smart phones, tablets, portable media players, laptops,
digital headphones, powered speakers, AVR, home
theater systems, Blu-ray/DVD/SACD players and pro
audio
VCP_FILT+
Multibit

Modulator
Multibit

Modulator
Interpolation
Filter and
Volume
Control
DSD
Processor
Interpolation
Filter and
Volume
Control
Control Port Level Translator
Register /Hardware
Configuration
PLL
XTI/MCLK
DoP to
DSD
Engine
Analog Supply
(VA,VCP)
+1.8V
FILT +
Popguard®
Circuitry
ASP
FLYN _VCP
FLYP_VA
XTAL
OSC
XTO
VCP_FILT+
VCP_FILT -
FLYN_VA
-VA
Charge Pump
Interrupt
Sources
Internal
Voltage
Reference
AOUTA
REFA
XSP/DSD
Audio
Interface
FILT-
FLYP_VCP
VA
-VA
FLYC_VCP
Battery Supply
(VP)
VCP_FILT -
INT
ADR
SDA
SCL
RESET
CLKOUT
Digital LDOs
Digital Core
Interface
Supply (VL)
+1.8V
Internal
Supply (VD)
+1.8V
TSO
DAC and Filter
VCP_FILT+
VCP_FILT -
AOUTB
REFB
DAC and Filter
VA
-VA
HPDETECT
HP_DETECT
SCLK1
LRCK1
SDIN1
DSDCLK/SCLK2
DSDB/LRCLK2
DSDA/SDIN2
DS1113F1
DEC ‘16
CS4399


Similar Part No. - CS4399

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS4390-KP CIRRUS-CS4390-KP Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS4390-KS CIRRUS-CS4390-KS Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
logo
List of Unclassifed Man...
CS4390-KS ETC2-CS4390-KS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

Similar Description - CS4399

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
High Performance 123dB Premium 32-Bit DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
High Performance 120dB Premium 32-Bit DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
High Performance 114dB 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
High Performance 120dB 32-Bit 4ch DAC
logo
Cirrus Logic
CS43130 CIRRUS-CS43130 Datasheet
3Mb / 137P
130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
CS43131 CIRRUS-CS43131 Datasheet
6Mb / 156P
130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
F1 OCT 17
CS43198 CIRRUS-CS43198 Datasheet
5Mb / 137P
130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
F1 OCT 17
logo
ESS Technology,Inc
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
32-bit High-Performance 8-Channel DAC
Sept, 2022
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
32-bit High-Performance 8-Channel DAC
April 7th, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com