Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 61Page - Cirrus Logic CS4399 Datasheet HTML 62Page - Cirrus Logic CS4399 Datasheet HTML 63Page - Cirrus Logic CS4399 Datasheet HTML 64Page - Cirrus Logic CS4399 Datasheet HTML 65Page - Cirrus Logic CS4399 Datasheet HTML 66Page - Cirrus Logic CS4399 Datasheet HTML 67Page - Cirrus Logic CS4399 Datasheet HTML 68Page - Cirrus Logic CS4399 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
DS1113F1
65
CS4399
5.10 Example Sequences
16
Configure XSP Frame
XSP Frame Configuration. 0x40029
0x0A
Reserved
XSP_STP
XSP_5050
XSP_FSD
000
0
1
010
Configure XSP port to accept I2S input
17
Set XSP Channel Location
XSP Channel 1 Location. 0x60000
0x00
XSP_RX_CH1
0x00
XSP Channel 1 starts on SCLK0
XSP Channel 2 Location. 0x60001
0x00
XSP_RX_CH2
0x00
XSP Channel 2 starts on SCLK0
18
Set XSP Channel Size and
Enable
XSP Channel 1 Size and Enable.
0x6000A
0x06
Reserved
XSP_RX_CH1_AP
XSP_RX_CH1_EN
XSP_RX_CH1_RES
0000
0
1
10
XSP Channel 1 Active Phase
XSP Channel 1 Enable
XSP Channel 1 Size is 24 bits
XSP Channel 2 Size and Enable.
0x6000B
0x0E
Reserved
XSP_RX_CH2_AP
XSP_RX_CH2_EN
XSP_RX_CH2_RES
0000
1
1
10
XSP Channel 2 Active Phase
XSP Channel 2 Enable
XSP Channel 2 Size is 24 bits
19
Configure DSD Processor
20
Configure DSD Volume
DSD Volume A. 0x70001
0x00
DSD_VOLUME_A
0x00
Channel A volume set to 0 dB
21
Configure DSD path Signal
Control 1
DSD Processor Path Signal Control 1.
0x70002
0xEC
Reserved
DSD_VOL_BEQA
DSD_SZC
Reserved
DSD_AMUTE
DSD_AMUTE_BEQA
DSD_MUTE_A
DSD_MUTE_B
1
1
1
0
1
1
0
0
DSD Volume B equals DSD volume A
Soft ramp control enabled
Mute occurs after 256 repeated 8-bit DSD mute patterns
Mute happens only when mute pattern is detected in both
channels
Function is disabled
Function is disabled
22
Configure DSD Interface
DSD Interface Configuration.
0x70003
0x00
Reserved
DSD_M/SB
DSD_PM_EN
DSD_PM_SEL
0000 0
0
0
0
DSD_M/SB is don’t care
Function is disabled
Function is disabled
23
Configure DSD path Signal
Control 2
DSD Processor Path Signal Control 2.
0x70004
0x70
Reserved
DSD_PRC_SRC
DSD_EN
Reserved
DSD_SPEED
STA_DSD_DET
INV_DSD_DET
0
11
1
0
0
0
0
Set source of DSD processor to XSP
Enable DSD playback
Set DSD clock speed to 64
•FS
Static DSD detection disabled
Invalid DSD detection disabled
24
Configure DSD path Signal
Control 3
DSD Processor Path Signal Control 3.
0x70006
0xC0
DSD_ZERODB
DSD_HPF_EN
Reserved
SIGCTL_DSDEQPCM
DSD_INV_A
DSD_INV_B
DSD_SWAP_CHAN
DSD_COPY_CHAN
1
1
0
0
0
0
0
0
DSD stream volume setting
Enable DSD HPF
Function is disabled
Function is disabled
Function is disabled
Function is disabled
Function is disabled
25
Configure DAC Output for 1.732 Vrms
26
Configure Class H
Amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
111
1
0
Output Signal determines voltage level
High Voltage Mode enabled
Using Internal VCPFILT source.
27
Set DAC output to full
scale
Analog Output Control 1. 0x80000
0x30
Reserved
OUT_FS
Reserved
00
11
0000
Set DAC output to Full Scale (1.732 Vrms)
Example 5-12. DoP and PCM Mixing (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com