Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 31Page - Cirrus Logic CS4399 Datasheet HTML 32Page - Cirrus Logic CS4399 Datasheet HTML 33Page - Cirrus Logic CS4399 Datasheet HTML 34Page - Cirrus Logic CS4399 Datasheet HTML 35Page - Cirrus Logic CS4399 Datasheet HTML 36Page - Cirrus Logic CS4399 Datasheet HTML 37Page - Cirrus Logic CS4399 Datasheet HTML 38Page - Cirrus Logic CS4399 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
DS1113F1
35
CS4399
4.8 Audio Serial Port (ASP)
• When using XSP or ASP for DoP playback, the serial port sample bit size register (XSP_SPSIZE or ASP_SPSIZE)
must be set per audio content before enabling the XSP or ASP. Note that the XSP_SPSIZE or ASP_SPSIZE must
reflect the length of both DSD marker bits together with audio bits.
4.8.2
Power-Up, Power-Down, and Tristate
The xSP has separate power-down and tristate controls (PDN_xSP and xSP_3ST) for input data paths, which minimizes
power consumption if the input port is not used. xSP master/slave operation is controlled only by the xSP_M/S setting,
irrespective of the PDN_xSP and xSP_3ST settings.
• PDN_xSP. If a serial port’s SDIN functionality is not required, xSP can be powered down by setting PDN_xSP,
which powers down the input data path and clocks of the serial port.
• xSP_3ST. In Master Mode, setting xSP_3ST tri-states the SCLK and LRCK clocks. Before setting an xSP_3ST bit,
the associated serial port must be powered down and must not be powered up until the xSP_3ST bit is cleared. In
Slave Mode, xSP_3ST does not affect the functionality of SCLK and LRCK clocks, given both pins are input pins.
4.8.3
I/O
The ASP port is associated with SDIN1, SCLK1, and LRCK1. The XSP port is associated with SDIN2, SCLK2, and LRCK2,
which are shared with DSD interface:
• SCLKx—Serial data shift clock
• LRCKx—Toggles at external sample rate (Fsext). LRCK (left/right, I²S) identifies each channel’s (left or right)
location in the data word when I²S format is used. LRCK identifies the start of each serialized data word. FSYNC
(frame sync clock, TDM) identifies the start of each TDM frame.
• SDINx—Serial data input
4.8.4
High-Impedance Mode
Serial ports can be placed on a clock bus that allows multiple masters without the need for external buffers. xSP_3ST bits
place the internal buffers for the respective serial-port interface signals in a high-impedance state, allowing another device
to transmit clocks without bus contention. When the CS4399 serial port is a timing slave, its SCLK and LRCK I/Os are
always inputs and are thus unaffected by the xSP_3ST control. Fig. 4-16 shows the busing for CS4399 master timing
serial-port use case.
Figure 4-16. Serial Port Busing when Master Timed
4.8.5
Clock Generation and Control
The CS4399 has a flexible serial port clock generation subsystem that allows independent clocking of the two serial ports.
When operating as a master port, the serial port provides a bit clock (xSP_SCLK) and a left-right/frame sync signal (xSP_
LRCK/FSYNC).
Note: x = XSP or ASP
Transmitting
Device #1 (DAC)
Transmitting
Device #2
x_SCLK,
x_LRCK
x_3ST
Receiving Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com