Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 63Page - Cirrus Logic CS4399 Datasheet HTML 64Page - Cirrus Logic CS4399 Datasheet HTML 65Page - Cirrus Logic CS4399 Datasheet HTML 66Page - Cirrus Logic CS4399 Datasheet HTML 67Page - Cirrus Logic CS4399 Datasheet HTML 68Page - Cirrus Logic CS4399 Datasheet HTML 69Page - Cirrus Logic CS4399 Datasheet HTML 70Page - Cirrus Logic CS4399 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
DS1113F1
67
CS4399
5.10 Example Sequences
45
Configure ASP Clock
ASP Clock Configuration. 0x40018
0x1C
Reserved
ASP_M/SB
ASP_SCPOL_OUT
ASP_SCPOL_IN
ASP_LCPOL_OUT
ASP_LCPOL_IN
000
1
1
1
0
0
Set ASP port to be Master
Set output SCLK polarity
Input SCLK polarity is don’t care
Set Output LRCLK polarity
Input LRCLK polarity is don’t care
46
Configure ASP Frame
ASP Frame Configuration. 0x40019
0x0A
Reserved
ASP_STP
ASP_5050
ASP_FSD
000
0
1
010
Configure ASP port to accept I2S input
47
Set ASP Channel
Location
ASP Channel 1 Location. 0x50000
0x00
ASP_RX_CH1
0x00
ASP Channel 1 starts on SCLK0
ASP Channel 2 Location. 0x50001
0x00
ASP_RX_CH2
0x00
ASP Channel 2 starts on SCLK0
48
Set ASP Channel Size and
Enable
ASP Channel 1 Size and Enable.
0x5000A
0x07
Reserved
ASP_RX_CH1_AP
ASP_RX_CH1_EN
ASP_RX_CH1_RES
0000
0
1
11
ASP Channel 1 Active Phase
ASP Channel 1 Enable
ASP Channel 1 Size is 32 bits
ASP Channel 2 Size and Enable.
0x5000B
0x0F
Reserved
ASP_RX_CH2_AP
ASP_RX_CH2_EN
ASP_RX_CH2_RES
0000
1
1
11
ASP Channel 2 Active Phase
ASP Channel 2 Enable
ASP Channel 2 Size is 32 bits
49
Setup PCM
50
Configure PCM Filter
PCM Filter Option. 0x90000
0x02
FILTER_SLOW_FASTB
PHCOMP_LOWLATB
NOS
Reserved
HIGH_PASS
DEEMP_ON
0
0
0
000
1
0
High Pass Filter is selected
51
Set Volume for Channel B
PCM Volume B. 0x90001
0x0C
PCM_VOLUME_B
0x0C
Set volume to –6 dB
52
Set Volume for Channel A
PCM Volume A. 0x90002
0x0C
PCM_VOLUME_A
0x0C
Set volume to –6 dB
53
Configure PCM Path Signal
Control
PCM Path Signal Control 1. 0x90003
0xEC
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
1
1
10
1
1
0
0
Soft ramp down of volume on filter change
Volume setting on both channels controlled by PCM_VOLUME_A
Enable soft ramp
Mute after reception of 8192 samples of 0 or -1.
Mute only when AMUTE condition is detected on both channels
Function is disabled
Function is disabled
PCM Path Signal Control 2. 0x90004
0x00
Reserved
PCM_INV_A
PCM_INV_B
PCM_SWAP_CHAN
PCM_COPY_CHAN
0000
0
0
0
0
Disable all functions in this register
54
Read interrupt status 2
register
Interrupt Status 2. 0xF0001
Clear sticky bits
55
Enable ASP Interrupts
Interrupt Mask 2. 0xF0011
0x07
ASP_OVFL_INT_MASK
ASP_ERROR_INT_MASK
ASP_LATE_INT_MASK
ASP_EARLY_INT_MASK
ASP_NOLRCK_INT_MASK
Reserved
0
0
0
0
0
111
Enable ASP_OVFL interrupt
Enable ASP_ERROR interrupt
Enable ASP_LATE interrupt
Enable ASP_EARLY interrupt
Enable ASP_NOLRCK interrupt
56
Enable ASP Clocks
Pad Interface Configuration. 0x1000D
0x00
Reserved
XSP_3ST
ASP_3ST
0000 00
0
0
Enable ASP serial clocks
Example 5-12. DoP and PCM Mixing (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com