Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 71Page - Cirrus Logic CS4399 Datasheet HTML 72Page - Cirrus Logic CS4399 Datasheet HTML 73Page - Cirrus Logic CS4399 Datasheet HTML 74Page - Cirrus Logic CS4399 Datasheet HTML 75Page - Cirrus Logic CS4399 Datasheet HTML 76Page - Cirrus Logic CS4399 Datasheet HTML 77Page - Cirrus Logic CS4399 Datasheet HTML 78Page - Cirrus Logic CS4399 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
DS1113F1
75
CS4399
7.2 PLL Registers
7.2 PLL Registers
7.1.9
Power Down Control
Address 0x20000
R/W
76543210
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
—
Default
11111110
Bits
Name
Description
7
PDN_XSP
XSP input path power control. Configures XSP SDIN path power state.
0 Powered up.
1 (Default) Powered down.
6
PDN_ASP
ASP input path power control. Configures ASP SDIN path power state.
0 Powered up.
1 (Default) Powered down.
5
PDN_DSDIF DSD interface power control. Sets the power state of the DSD interface block.
0 Powered up.
1 (Default) Powered down.
4
PDN_HP
Power down AOUTx.
0 Powered up. The DACx are powered up.
1 (Default) Powered down. The DACx are powered down. When this bit is set, the audio outputs are soft ramped to
mute.
3
PDN_XTAL
Power down crystal oscillator.
0 Powered up. The XTAL driver is powered up to start generating MCLK.
1 (Default) Powered down. The XTAL driver is powered down.
2
PDN_PLL
PLL output power control. Sets the power state of the PLL block.
0 Powered up.
1 (Default) Powered down. PLL block is powered down.
1PDN_
CLKOUT
CLKOUT output power control. Sets the power state of the CLOCKOUT output.
0 Powered up
1 (Default) Powered down. CLKOUT are driven low.
0—
Reserved
7.1.10 Crystal Setting
Address 0x20052
R/W
76543210
—
XTAL_IBIAS
Default
00000100
Bits
Name
Description
7:3
—
Reserved
2:0
XTAL_IBIAS Crystal bias current strength.
010 15.0 µA
100 (Default) 12.5 µA
110 7.5 µA
Others Reserved
7.2.1
PLL Setting 1
Address 0x30001
R/W
76543210
—
PLL_START
Default
00000000
Bits
Name
Description
7:1
—
Reserved
0
PLL_START PLL start bit. Enable PLL output after it has been properly configured.
0 (Default) PLL is not started
1 PLL is started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com