Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 15Page - Cirrus Logic CS4399 Datasheet HTML 16Page - Cirrus Logic CS4399 Datasheet HTML 17Page - Cirrus Logic CS4399 Datasheet HTML 18Page - Cirrus Logic CS4399 Datasheet HTML 19Page - Cirrus Logic CS4399 Datasheet HTML 20Page - Cirrus Logic CS4399 Datasheet HTML 21Page - Cirrus Logic CS4399 Datasheet HTML 22Page - Cirrus Logic CS4399 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
DS1113F1
19
CS4399
3 Characteristics and Specifications
4.TDM interface timing
(shown with xSP_FSD = 010, xSP_LCHI = 1)
5.Applies to Master and Slave Modes, unless specified otherwise.
6.Maximum LRCK duty cycle is equal to frame length, in SCLK periods, minus 1. Maximum duty cycle occurs when LRCK high (xSP_LCHI) is set to
768 SCLK periods and LRCK period (xSP_LCPR) is set to 769 SCLK periods.
7.Data may be latched/launched on either the rising or falling edge of SCLK.
8.SCLK duty cycle in Master Mode depends on Master Mode clock configuration, and can vary by up to 1 MCLKEXT period.
9.Data is latched/launched on the rising or falling edge of SCLK as determined by xSP_SCPOL_OUT, xSP_SCPOL_IN, and xSP_FSD bits. See the
SCLK launching specs in Table 3-15.
Table 3-16. DSD Switching Characteristic
Test conditions (unless specified otherwise): Fig. 2-1 shows CS4399 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
parameters can vary with VL; typical performance data taken with VL = VD = VA = VCP = 1.8 V, VP = 3.6 V; min/max performance data taken with VL =
1.8 V; VD = VA = VCP = 1.8 V, VP = 3.6 V; TA = +25°C; CL = 60 pF; Logic 0 = ground, Logic 1 = VL; output timings are measured at VOL and VOH
thresholds (see Table 3-8).
Parameter 1,2
1.Serial audio input interface timing
2.Phase modulation mode serial audio input interface timing
Symbol
Minimum
Typical
Maximum
Units
DSDCLK duty cycle
—
40
—
60
%
DSDCLK pulse width low
tSCLKL
80
—
—
ns
DSDCLK pulse width high
tSCLKH
80
—
—
ns
DSDCLK frequency
(64× oversampled)
(128× oversampled)
—
1.024
2.048
2.8224
5.6448
fMCLK_INT/8
fMCLK_INT/4
MHz
MHz
DSDA/DSDB valid to DSDCLK rising setup time
tSDLRS
20
—
—
ns
DSDCLK rising to DSDA or DSDB hold time
tSDH
20
—
—
ns
DSD clock to data transition (Phase Modulation Mode)
tDPM
–20
—
20
ns
Table 3-17. I2C Slave Port Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows typical connections; Inputs: GNDA = GNDL = GNDCP = 0 V; all voltages with respect to
ground; VL = 1.8 V; inputs: Logic 0 = GNDA = 0 V, Logic 1 = VL; TA = +25°C; SDA load capacitance equal to maximum value of CB = 400 pF; minimum
SDA pull-up resistance, RP(min).1 Table 3-1 describes some parameters in detail. All specifications are valid for the signals at the pins of the CS4399 with
the specified load capacitance.
Parameter 2
Symbol 3
Minimum
Maximum
Units
SCL clock frequency
fSCL
—1000
kHz
Clock low time
tLOW
500
—
ns
Clock high time
tHIGH
260
—
ns
Start condition hold time (before first clock pulse)
tHDST
260
—
ns
Setup time for repeated start
tSUST
260
—
ns
SCLK
SDIN
tSU:SDI
tH:SDI
LRCK/FSYNC
tD:CLK-FSYNC
1/fSCLK
Don’t Care
Frame location 0
Frame location N -1
1/Fs
...
...
...
fSCLK = N · Fs
tSU :FSYNC
tH:FSYNC
tHI:FSYNC
tLO:SCLK
tHI:SCLK
DSDCLK
DSDA,
DSDB
tSDLRS
tSDH
tSCLKL
tSCLKH
DSDCLK
(128
•Fs)
DSDCLK
(64
•Fs)
DSDA,
DSDB
tDPM
tDPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com