Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 70Page - Cirrus Logic CS4399 Datasheet HTML 71Page - Cirrus Logic CS4399 Datasheet HTML 72Page - Cirrus Logic CS4399 Datasheet HTML 73Page - Cirrus Logic CS4399 Datasheet HTML 74Page - Cirrus Logic CS4399 Datasheet HTML 75Page - Cirrus Logic CS4399 Datasheet HTML 76Page - Cirrus Logic CS4399 Datasheet HTML 77Page - Cirrus Logic CS4399 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
74
DS1113F1
CS4399
7.1 Global Registers
1:0
MCLK_SRC_
SEL
Select the source of internal MCLK.
00 Direct MCLK/XTAL Mode
01 PLL Mode
10 (Default) RCO Mode
11 Reserved
7.1.6
Serial Port Sample Rate
Address 0x1000B
R/W
76543210
—
ASP_SPRATE
Default
00000001
Bits
Name
Description
7:4
—
Reserved
3:0 ASP_SPRATE ASP sample rate. This register must be programmed for both Master Mode and Slave Mode operation.
0000 32 kHz
0001 (Default) 44.1 kHz
0010 48 kHz
0011 88.2 kHz
0100 96 kHz
0101 176.4 kHz
0110 192 kHz
0111 352.8 kHz
1000 384 kHz
1001–1111 Reserved
7.1.7
Serial Port Sample Bit Size
Address 0x1000C
R/W
76543210
—
XSP_SPSIZE
ASP_SPSIZE
Default
00000101
Bits
Name
Description
7:4
—
Reserved
3:2 XSP_SPSIZE XSP sample bit size.
00 32 bits
01 (Default) 24 bits
10–11 Reserved
1:0 ASP_SPSIZE ASP sample bit size.
00 32 bits
01 (Default) 24 bits
10 16 bits
11 8 bits
7.1.8
Pad Interface Configuration
Address 0x1000D
R/W
76543210
—
XSP_3ST
ASP_3ST
Default
00000011
Bits
Name
Description
7:2
—
Reserved
1
XSP_3ST
Determines the state of the XSP clock drivers when in Master Mode. When in Slave Mode, the serial port clocks are
inputs, whose function is not affected by this bit. Before setting an xSP_3ST bit, the associated serial port must be
powered down and not powered up until the xSP_3ST bit is cleared.
0 When in Master Mode, serial port clocks are active.
1 (Default) When in Master Mode, serial port clocks are Hi-Z.
0
ASP_3ST
Determines the state of the ASP clock drivers when in Master Mode. When in Slave Mode, the serial port clock pins are
inputs, whose function is not affected by this bit. Before setting an xSP_3ST bit, the associated serial port must be
powered down and not powered up until the xSP_3ST bit is cleared.
0 When in Master Mode, serial port clocks are active.
1 (Default) When in Master Mode, serial port clocks are Hi-Z.
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com