Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 22Page - Cirrus Logic CS4399 Datasheet HTML 23Page - Cirrus Logic CS4399 Datasheet HTML 24Page - Cirrus Logic CS4399 Datasheet HTML 25Page - Cirrus Logic CS4399 Datasheet HTML 26Page - Cirrus Logic CS4399 Datasheet HTML 27Page - Cirrus Logic CS4399 Datasheet HTML 28Page - Cirrus Logic CS4399 Datasheet HTML 29Page - Cirrus Logic CS4399 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 111 page
background image
26
DS1113F1
CS4399
4.3 Class H Output
instance of repetitive high-level transients in the input signal. Fig. 4-5 shows examples of this transitional behavior.
Figure 4-5. VCP_FILT Hysteresis
4.3.3
External VCP_FILT Supply Mode
To bypass the CS4399 Class-H charge-pump circuit, provide external VCP_FILT± supply with the following conditions:
• When CS4399 is operating, apply +3.0 V with ±5% accuracy to VCP_FILT+ and apply –3.0 V with ±5% accuracy
to VCP_FILT–.
• When CS4399 is powered down, external circuits present Hi-Z state to the VCP_FILT+ pin (>1k impedance) and
VCP_FILT– pin (>10k impedance).
Output Level
+VCP
Output Stage
Rail Voltage
Time
–VCP
5.5 s
–11 dB
+VP_LDO
–VP_LDO
–11.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com