Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 85Page - Cirrus Logic CS4399 Datasheet HTML 86Page - Cirrus Logic CS4399 Datasheet HTML 87Page - Cirrus Logic CS4399 Datasheet HTML 88Page - Cirrus Logic CS4399 Datasheet HTML 89Page - Cirrus Logic CS4399 Datasheet HTML 90Page - Cirrus Logic CS4399 Datasheet HTML 91Page - Cirrus Logic CS4399 Datasheet HTML 92Page - Cirrus Logic CS4399 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 111 page
background image
DS1113F1
89
CS4399
7.5 Analog Output and PCM Registers
7.5.7
Class H Control
Address 0xB0000
R/W
76543210
—
ADPT_PWR
HV_EN
EXT_VCPFILT
Default
00011110
Bits
Name
Description
7:5
—
Reserved
4:2
ADPT_PWR Adaptive power adjustment. Configures how power to line output amplifiers adapts to the output signal level.
000 Reserved
001 Fixed, Mode 0 (±VP_LDO)
010 Fixed, Mode 1 (±VCP)
011–110 Reserved
111 (Default) Adapt to signal. The output signal dynamically determines the voltage level.
1
HV_EN
High voltage mode enable.
0 Function disabled (VP_LDO = 2.6V)
1 (Default) Function enabled (VP_LDO = 3.0 V). This requires VP min to be 3.3 V. Also, this mode only applies to
load 600
 and above.
0
EXT_VCPFILT External VCP_FILT± voltage mode.
0 (Default) Function disabled
1 When enabled, VCP_FILT± voltages can be provided externally at ±3.0 V. See power sequencing/timing
requirement in related functional description.
7.5.8
HP Detect
Address 0xD0000
R/W
76543210
HPDETECT_CTRL
HPDETECT_
INV
HPDETECT_RISE_DBC_TIME HPDETECT_FALL_DBC_TIME
—
Default
00000100
Bits
Name
Description
7:6
HPDETECT_
CTRL
HP detect control. Configures operation of the HP detect circuit. The internal weak current source pull-up is enabled in
all modes.
00 (Default) Disabled. The HP detect digital circuit is powered down and does not report to the status registers
(HPDETECT_PLUG_INT and HPDETECT_UNPLUG_INT are also cleared).
01–10 Reserved
11 Enabled
5
HPDETECT_
INV
HP detect invert. Can be used to invert the signal from the HP detect circuit.
0 (Default) Not inverted
1Inverted
4:3
HPDETECT_
RISE_DBC_
TIME
Tip sense rising debounce time.
00 (Default) 0 ms
01 250 ms
10 500 ms
11 1.0 s
2:1
HPDETECT_
FALL_DBC_
TIME
Tip sense falling debounce time.
00 0 ms
01 250 ms
10 (Default) 500 ms
11 1.0 s
0—
Reserved
7.5.9
HP Status
Address 0xD0001
R/O
76543210
—
HPDETECT_
PLUG_DBC
HPDETECT_
UNPLUG_DNC
—
Default
00000000
Bits
Name
Description
7—
Reserved
6
HPDETECT_
PLUG_DBC
HPDETECT plug debounce status. Setting HPDETECT_INV reverses the meaning of this bit.
0 (Default) Condition is not present
1 Condition is present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com