Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 18Page - Cirrus Logic CS4399 Datasheet HTML 19Page - Cirrus Logic CS4399 Datasheet HTML 20Page - Cirrus Logic CS4399 Datasheet HTML 21Page - Cirrus Logic CS4399 Datasheet HTML 22Page - Cirrus Logic CS4399 Datasheet HTML 23Page - Cirrus Logic CS4399 Datasheet HTML 24Page - Cirrus Logic CS4399 Datasheet HTML 25Page - Cirrus Logic CS4399 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
22
DS1113F1
CS4399
4.1 Overview
The internal MCLK is used to generate serial port clocks. See Table 4-6 for supported LRCK combinations.
4.1.5
System Interrupts
The CS4399 includes an open-drain interrupt output (INT pin). Interrupt mask registers control whether an event
associated with an interrupt status/mask bit pair triggers the assertion of INT. All types of interrupts are described in
Section 4.10.
4.1.6
System Reset
The CS4399 offers two types of reset options:
• Asserting RESET. If RESET is asserted, all registers and all state machines are immediately set to their default
values/states. No operation can begin until RESET is deasserted. Before normal operation can begin, RESET must
be asserted at least once after the VP supply is first brought up.
• Power-on reset (POR). If the VD supply is lower than the POR threshold specified in Table 3-13, the VD register
fields and the state machines are held in reset, setting them to their default values/states. The POR releases the
reset when the VD supply goes above the POR threshold. When the VD supply is turned on, the VL and VA supplies
must also be turned on at the same time.
4.1.7
Power Down
The CS4399 has a register byte to power down individual components on the chip. Before any change can be applied to
an individual component (except PLL), the block must be powered down first. For the PLL, changes can be applied after
PLL_START is cleared.
The PDN_HP bit is responsible for enabling or disabling the playback signal chain operation. All the necessary
components for playback operation need to be powered up and configured properly before PDN_HP is cleared. To disable
the playback signal chain, PDN_HP is set. PDN_HP needs to be set before making any changes to the playback signal
chain setup, except the following functions:
• Volume and mute related functions
• PCM filter settings (see Section 7.5.2)
Before ASP, XSP, or DSDIF can safely power down, PDN_HP must be asserted, and PDN_DONE_INT must be present.
For XTAL or PLL used as the source of internal MCLK, PDN_HP needs to be set first and MCLK source needs to be
properly switched away before PDN_XTAL or PDN_PLL is set. If PLL output is only used as the source of CLKOUT, PDN_
PLL can be set without PDN_HP being asserted. If the steps described above are not followed, the CS4399 enters an
unresponsive state.
PDN_CLKOUT does not require PDN_HP to be set before it is asserted.
Recommended power-up and power-down sequences can be found in the Section 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com