Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 64Page - Cirrus Logic CS4399 Datasheet HTML 65Page - Cirrus Logic CS4399 Datasheet HTML 66Page - Cirrus Logic CS4399 Datasheet HTML 67Page - Cirrus Logic CS4399 Datasheet HTML 68Page - Cirrus Logic CS4399 Datasheet HTML 69Page - Cirrus Logic CS4399 Datasheet HTML 70Page - Cirrus Logic CS4399 Datasheet HTML 71Page - Cirrus Logic CS4399 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 111 page
background image
68
DS1113F1
CS4399
5.10 Example Sequences
57
Enable ASP
Power Down Control. 0x20000
0x24
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
0
0
1
0
0
1
0
0
Enable ASP
58
Enable PCM/DoP mix
59
Configure DSD Volume
DSD Volume A. 0x70001
0x0C
DSD_VOLUME_A
0x0C
Channel A volume set to 0 dB
60
Prepare for PCM/DoP Mix
operation
DSD and PCM Mixing Control.
0x70005
0x02
Reserved
MIX_PCM_PREP
MIX_PCM_DSD
0000 00
1
0
Enable PCM playback path for DoP Mixing
61
Wait for 6 ms
62
Enable PCM/DoP mix
DSD and PCM Mixing Control.
0x70005
0x03
Reserved
MIX_PCM_PREP
MIX_PCM_DSD
0000 00
1
1
Enable PCM/DoP Mixing
Example 5-12. DoP and PCM Mixing (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com