Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 81Page - Cirrus Logic CS4399 Datasheet HTML 82Page - Cirrus Logic CS4399 Datasheet HTML 83Page - Cirrus Logic CS4399 Datasheet HTML 84Page - Cirrus Logic CS4399 Datasheet HTML 85Page - Cirrus Logic CS4399 Datasheet HTML 86Page - Cirrus Logic CS4399 Datasheet HTML 87Page - Cirrus Logic CS4399 Datasheet HTML 88Page - Cirrus Logic CS4399 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
DS1113F1
85
CS4399
7.4 DSD Registers
7.4.4
DSD Interface Configuration
Address 0x70003
R/W
76543210
—
DSD_M/SB
DSD_PM_EN DSD_PM_SEL
Default
00000000
Bits
Name
Description
7:3
—
Reserved
2
DSD_M/SB
DSD clock master or Slave Mode.
0 (Default) Slave Mode
1 Master Mode
1
DSD_PM_EN DSD phase modulation mode. Can only be used when DSD_SPEED = 0 (64•Fs).
0 (Default) this function is disabled (DSD normal mode)
1 DSD phase modulation input mode is enabled, and the DSD_PM_SEL bit must be set accordingly.
0
DSD_PM_SEL DSD phase modulation mode select.
0 (Default) The 128•Fs (BCKA) clock must be input to DSD_SCLK for phase modulation mode.
1 The 64•Fs (BCKD) clock must be input to DSD_SCLK for phase modulation mode.
7.4.5
DSD Processor Path Signal Control 2
Address 0x70004
R/W
76543210
—
DSD_PRC_SRC
DSD_EN
—
DSD_SPEED STA_DSD_DET INV_DSD_DET
Default
00000010
Bits
Name
Description
7—
Reserved
6:5
DSD_PRC_
SRC
Select the source for DSD processor.
00 (Default) DSD interface
01 Reserved
10 ASP
11 XSP
4
DSD_EN
Enable DSD playback.
0 (Default) Function disabled
1 DSD playback is enabled
3—
Reserved
2
DSD_SPEED Setup DSD clock speed.
0 (Default) 64•Fs
1 128•Fs
1STA_DSD_
DET
Static DSD detection.
0 Function disabled
1 (Default) Static DSD detection is enabled. The DSD processor checks for 28 consecutive zeros or ones and, if
detected, sets the DSD_STUCK_INT interrupt status bit and mutes the output until the static condition is cleared.
0INV_DSD_
DET
Invalid DSD detection.
0 (Default) Function disabled
1 Invalid DSD detection is enabled. The DSD processor checks for 25 out of 28 bits of the same value and, if
detected, sets the DSD_INVAL_A_INT and/or DSD_INVAL_B_INT interrupt status bits.
7.4.6
DSD and PCM Mixing Control
Address 0x70005
R/W
76543210
—
MIX_PCM_
PREP
MIX_PCM_
DSD
Default
00000000
Bits
Name
Description
7:2
—
Reserved
1MIX_PCM_
PREP
Enable PCM playback path for PCM and DSD mixing. This bit must be set prior to setting MIX_PCM_DSD. Disable this
bit after disabling MIX_PCM_DSD. This mode requires DSD_EN to be enabled and DSD_PRC_SRC set to receive DSD
through either the DSD interface or XSP.
0 (Default) Function disabled
1 Enable PCM playback path for PCM and DSD mixing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com