Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4399 Datasheet HTML 1Page - Cirrus Logic CS4399 Datasheet HTML 2Page - Cirrus Logic CS4399 Datasheet HTML 3Page - Cirrus Logic CS4399 Datasheet HTML 4Page - Cirrus Logic CS4399 Datasheet HTML 5Page - Cirrus Logic CS4399 Datasheet HTML 6Page - Cirrus Logic CS4399 Datasheet HTML 7Page - Cirrus Logic CS4399 Datasheet HTML 8Page - Cirrus Logic CS4399 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
2
DS1113F1
CS4399
General Description
The CS4399 is a high-performance, 32-bit resolution, stereo audio DAC that supports up to 384-kHz sampling frequency.
The advanced 32-bit oversampled multibit modulator with mismatch shaping technology eliminates distortion due to
on-chip component mismatch. Proprietary digital-interpolation filters support five selectable filter responses with
pseudo-linear phase and ultralow latency to minimize pre-echos and ringing artifacts. Other features include volume
control with 0.5-dB steps and digital deemphasis for 44.1-kHz sample rate.
The patented on-chip DSD processor preserves audio integrity by allowing signal processing such as volume control and
50-kHz Scarlet Book recommended filtering to be applied directly to the DSD stream without an intermediate decimation
stage. Additional features like volume matching and channel mixing enable seamless transition between DSD and PCM
playback paths.
The CS4399 accepts I2S, right-justified, left-justified, and TDM-format PCM data at sample rates from 32 to 384 kHz. The
industry-standard high-speed I2C interface capable of up to 1-MHz operation provides easy configuration control. An
integrated PLL allows for maximum clocking flexibility in any system. Popguard® technology eliminates output transients
upon power-up or power-down events.
The CS4399 is available in a commercial-grade 42-ball WLCSP or 40-pin QFN package for operation from –10°C to
+70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com