Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4399 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 41Page - Cirrus Logic CS4399 Datasheet HTML 42Page - Cirrus Logic CS4399 Datasheet HTML 43Page - Cirrus Logic CS4399 Datasheet HTML 44Page - Cirrus Logic CS4399 Datasheet HTML 45Page - Cirrus Logic CS4399 Datasheet HTML 46Page - Cirrus Logic CS4399 Datasheet HTML 47Page - Cirrus Logic CS4399 Datasheet HTML 48Page - Cirrus Logic CS4399 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
DS1113F1
45
CS4399
4.12 Control Port Operation
Fig. 4-28 shows sticky-bit behavior.
Figure 4-28. Example of Rising-Edge-Sensitive, Sticky, Interrupt-Status-Bit Behavior
4.12 Control Port Operation
The control port is used to access control registers and on-chip memory locations, allowing the device to be configured for
desired operational modes and formats. Control port operation may be completely asynchronous with respect to the audio
sample rates. However, to avoid potential interference problems, control port pins must remain static if no operation is
required.
The control port operates using a I2C interface with the CS4399 acting as a slave device. Device communication must not
begin until tPUD (refer to Table 3-17) after power conditions are ready and RESET is released.
4.12.1 I2C Control Port Operation
The I2C control port operates completely asynchronously with the audio sample rates. However, to avoid interference
problems, the I2C control-port pins must remain static if no operation is required.
Table 4-11. Interrupts Events and Register Bit Fields
Interrupt
Register Bit Field
Interrupt Mask Field
DAC overflow
DAC_OVFL_INT
DAC_OVFL_INT_MASK
HP unplug detect
HPDETECT_UNPLUG_INT HPDETECT_UNPLUG_INT_MASK
HP plug detect
HPDETECT_PLUG_INT
HPDETECT_PLUG_INT_MASK
XTAL is ready
XTAL_READY_INT
XTAL_READY_INT_MASK
XTAL error detected
XTAL_ERROR_INT
XTAL_ERROR_INT_MASK
ASP overload
ASP_OVLD_INT
ASP_OVLD_INT_MASK
ASP error
ASP_ERR_INT
ASP_ERR_INT_MASK
ASP late
ASP_LATE_INT
ASP_LATE_INT_MASK
ASP early
ASP_EARLY_INT
ASP_EARLY_INT_MASK
ASP no LRCK
ASP_NOLRCK_INT
ASP_NOLRCK_INT_MASK
XSP overload
XSP_OVLD_INT
XSP_OVLD_INT_MASK
XSP error
XSP_ERR_INT
XSP_ERR_INT_MASK
XSP late
XSP_LATE_INT
XSP_LATE_INT_MASK
XSP early
XSP_EARLY_INT
XSP_EARLY_INT_MASK
XSP no LRCK
XSP_NOLRCK_INT
XSP_NOLRCK_INT_MASK
PLL is ready
PLL_READY_INT
PLL_READY_INT_MASK
PLL error detected
PLL_ERROR_INT
PLL_ERROR_INT_MASK
Power down done
PDN_DONE_INT
PDN_DONE_INT_MASK
DSD stuck Error
DSD_STUCK_INT
DSD_STUCK_INT_MASK
DSD channel A invalid error
DSD_INVAL_A_INT
DSD_INVAL_A_INT_MASK
DSD channel B invalid error
DSD_INVAL_B_INT
DSD_INVAL_B_INT_MASK
DSD channel A silence pattern detected
DSD_SILENCE_A_INT
DSD_SILENCE_A_INT_MASK
DSD channel B silence pattern detected
DSD_SILENCE_B_INT
DSD_SILENCE_B_INT_MASK
DSD rate error detected
DSD_RATE_INT
DSD_RATE_INT_MASK
DoP marker detected
DOP_MRK_DET_INT
DOP_MRK_DET_INT_MASK
DoP engine on
DOP_ON_INT
DOP_ON_INT_MASK
Raw signal feeding
status register bit
Status register bit
___
INT
Register read
signal
Status read value
Read Source
0
11
0
00
1
Poll cycle
Interrupt
service
Extra read for
present state
Interrupt
service
Extra read for
present state
Poll
cycle
Poll cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com