Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 28Page - Analog Devices AD6677EBZ Datasheet HTML 29Page - Analog Devices AD6677EBZ Datasheet HTML 30Page - Analog Devices AD6677EBZ Datasheet HTML 31Page - Analog Devices AD6677EBZ Datasheet HTML 32Page - Analog Devices AD6677EBZ Datasheet HTML 33Page - Analog Devices AD6677EBZ Datasheet HTML 34Page - Analog Devices AD6677EBZ Datasheet HTML 35Page - Analog Devices AD6677EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 32 of 48
DC CORRECTION (DCC)
Because the dc offset of the ADC may be significantly larger than
the signal being measured, a dc correction circuit is included to
null the dc offset before measuring the power. The dc correction
circuit can also be switched into the main signal path; however,
this may not be appropriate if the ADC is digitizing a time-varying
signal with significant dc content, such as GSM.
DC CORRECTION BANDWIDTH
The dc correction circuit is a high-pass filter with a programmable
bandwidth (ranging between 0.29 Hz and 2.387 kHz at
245.76 MSPS). The bandwidth is controlled by writing to
the four dc correction bandwidth select bits, located at
Address 0x40, Bits[5:2]. The following equation can be used
to compute the bandwidth value for the dc correction circuit:
DC_Corr_BW = 2−k−14 × fCLK/(2 × π)
where:
k is the 4-bit value programmed in Bits[5:2] of Address 0x40
(values between 0 and 13 are valid for k).
fCLK is the AD6677 ADC sample rate in hertz.
DC CORRECTION READBACK
The current dc correction value can be read back in Address 0x41
and Address 0x42. The dc correction value is a 16-bit value that
can span the entire input range of the ADC.
DC CORRECTION FREEZE
Setting Bit 6 of Address 0x40 freezes the dc correction at the
current state and continues to use the last updated value as the
dc correction value. Clearing this bit restarts dc correction and
adds the currently calculated value to the data.
DC CORRECTION ENABLE BITS
Setting Bit 1 of Address 0x40 enables dc correction for use in
the output data signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com