Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 14Page - Analog Devices AD6677EBZ Datasheet HTML 15Page - Analog Devices AD6677EBZ Datasheet HTML 16Page - Analog Devices AD6677EBZ Datasheet HTML 17Page - Analog Devices AD6677EBZ Datasheet HTML 18Page - Analog Devices AD6677EBZ Datasheet HTML 19Page - Analog Devices AD6677EBZ Datasheet HTML 20Page - Analog Devices AD6677EBZ Datasheet HTML 21Page - Analog Devices AD6677EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 18 of 48
Input Common Mode
The analog inputs of the AD6677 are not internally dc biased. In
ac-coupled applications, the user must provide this bias externally.
Configuring the input so that VCM = 0.5 × AVDD (or 0.9 V) is
recommended for optimum performance. An on-board common-
mode voltage reference is included in the design and is available
from the VCM pin. Using the VCM output to set the input common
mode is recommended. Optimum performance is achieved when
the common-mode voltage of the analog input is set by the VCM
pin voltage (typically 0.5 × AVDD). Decouple the VCM pin to
ground by using a 0.1 μF capacitor, as described in the Applications
Information section. Place this decoupling capacitor close to the
pin to minimize the series resistance and inductance between
the device and this capacitor.
Differential Input Configurations
Optimum performance is achieved while driving the AD6677 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-1, ADA4938-1, and ADA4930-1 differential
drivers provide excellent performance and a flexible interface to
the ADC.
The output common-mode voltage of the ADA4930-1 is easily
set with the VCM pin of the AD6677 (see Figure 30), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
0.1µF
AVDD
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–
VIN+
VCM
ADA4930-1
Figure 30. Differential Input Configuration Using the ADA4930-1
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 31. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R3
R2
C2
R3
0.1µF
33Ω
Figure 31. Differential Transformer-Coupled Configuration
Consider the signal characteristics when selecting a transformer.
Most RF transformers saturate at frequencies below a few
megahertz. Excessive signal power can also cause core saturation,
which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD6677. For applications where
SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 32). In this
configuration, the input is ac-coupled and the VCM voltage is
provided to each input through a 33 Ω resistor. These resistors
compensate for losses in the input baluns to provide a 50 Ω
impedance to the driver.
In the double balun and transformer configurations, the value
of the input capacitors and resistors is dependent on the input
frequency and source impedance. Based on these parameters,
the value of the input resistors and capacitors may need to be
adjusted or some components may need to be removed. Table 9
displays recommended values to set the RC network for different
input frequency ranges. However, these values are dependent on
the input signal and bandwidth and must only be used as a
starting guide. Note that the values given in Table 9 are for each R1,
R2, C1, C2, and R3 components shown in Figure 31 and Figure 32.
Table 9. Example RC Network
Frequency
Range
(MHz)
R1
Series
(Ω)
C1
Differential
(pF)
R2
Series
(Ω)
C2
Shunt
(pF)
R3
Shunt
(Ω)
0 to 100
33
8.2
0
15
24.9
100 to 400
15
8.2
0
8.2
24.9
>400
15
≤3.9
0
≤3.9
24.9
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+
VIN–
VCM
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PP
R3
R3
0.1µF
33Ω
Figure 32. Differential Double Balun Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com