Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 11Page - Analog Devices AD6677EBZ Datasheet HTML 12Page - Analog Devices AD6677EBZ Datasheet HTML 13Page - Analog Devices AD6677EBZ Datasheet HTML 14Page - Analog Devices AD6677EBZ Datasheet HTML 15Page - Analog Devices AD6677EBZ Datasheet HTML 16Page - Analog Devices AD6677EBZ Datasheet HTML 17Page - Analog Devices AD6677EBZ Datasheet HTML 18Page - Analog Devices AD6677EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 15 of 48
60
65
70
75
80
85
90
95
100
40
60
80
100 120 140 160 180 200 220 240
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 17. Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
0
200000
400000
600000
800000
1000000
1200000
1400000
1600000
N – 1
N
OUTPUT CODE
2,097,152 TOTAL HITS
0.463707 LSB rms
585592
1511559
Figure 18. Grounded Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com