Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 7Page - Analog Devices AD6677EBZ Datasheet HTML 8Page - Analog Devices AD6677EBZ Datasheet HTML 9Page - Analog Devices AD6677EBZ Datasheet HTML 10Page - Analog Devices AD6677EBZ Datasheet HTML 11Page - Analog Devices AD6677EBZ Datasheet HTML 12Page - Analog Devices AD6677EBZ Datasheet HTML 13Page - Analog Devices AD6677EBZ Datasheet HTML 14Page - Analog Devices AD6677EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 11 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF
THE PACKAGE PROVIDES THE GROUND REFERENCE FOR
AVDD. THIS EXPOSED PAD MUST BE CONNECTED TO AGND
FOR PROPER OPERATION.
RST
24 DNC
23 PDWN
22 CS
21 SCLK
20 SDIO
19 FD
18 DGND
17 DVDD
1
2
3
4
5
6
7
8
RFCLK
CLK–
CLK+
AVDD
SYSREF+
SYSREF–
AVDD
AD6677
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
4, 7, 26, 27, 30, 31, 32
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
9, 18
DGND
Ground
Ground Reference for DVDD.
10, 17
DVDD
Supply
Digital Power Supply (1.8 V Nominal).
13
DRGND
Ground
Ground Reference for DRVDD.
14
DRVDD
Supply
JESD204B PHY Serial Output Driver Supply (1.8 V Nominal). Note
that the DRVDD power is referenced to the AGND plane.
24
DNC
Do Not Connect.
EPAD (AGND)
Ground
Expose Pad. The exposed thermal pad on the bottom of the package
provides the ground reference for AVDD. This exposed pad must be
connected to AGND for proper operation.
ADC Analog
1
RFCLK
Input
ADC RF Clock Input.
2
CLK−
Input
ADC Nyquist Clock Input—Complement.
3
CLK+
Input
ADC Nyquist Clock Input—True.
25
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. Decouple this
pin to ground using a 0.1 µF capacitor.
28
VIN−
Input
Differential Analog Input (Negative).
29
VIN+
Input
Differential Analog Input (Positive).
ADC Fast Detect Output
19
FD
Output
Fast Detect Indicator (CMOS Levels).
Digital Inputs
5
SYSREF+
Input
JESD204B LVDS SYSREF Input—True.
6
SYSREF−
Input
JESD204B LVDS SYSREF Input—Complement.
11
SYNCINB+
Input
JESD204B LVDS Sync Input—True/JESD204B CMOS Sync Input.
12
SYNCINB−
Input
JESD204B LVDS Sync Input—Complement.
Data Outputs
15
SERDOUT0−
Output
CML Output Data—Complement.
16
SERDOUT0+
Output
CML Output Data—True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com