Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 21Page - Analog Devices AD6677EBZ Datasheet HTML 22Page - Analog Devices AD6677EBZ Datasheet HTML 23Page - Analog Devices AD6677EBZ Datasheet HTML 24Page - Analog Devices AD6677EBZ Datasheet HTML 25Page - Analog Devices AD6677EBZ Datasheet HTML 26Page - Analog Devices AD6677EBZ Datasheet HTML 27Page - Analog Devices AD6677EBZ Datasheet HTML 28Page - Analog Devices AD6677EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 25 of 48
DIGITAL OUTPUTS
JESD204B TRANSMIT TOP LEVEL DESCRIPTION
The AD6677 digital output uses the JEDEC Standard No.
JESD204B, Serial Interface for Data Converters. JESD204B is a
protocol to link the AD6677 to a digital processing device over a
serial interface of up to 5 Gbps link speeds. The benefits of the
JESD204B interface include a reduction in required board area
for data interface routing and the enabling of smaller packages
for converter and logic devices. The AD6677 supports single or
dual lane interfaces.
JESD204B Overview
The JESD204B data transmit block assembles the parallel data from
the ADC into frames and uses 8B/10B encoding as well as optional
scrambling to form serial output data. Lane synchronization is
supported using special characters during the initial establishment
of the link and additional synchronization is embedded in the
data stream thereafter. A matching external receiver is required
to lock onto the serial data stream and recover the data and clock.
For additional details on the JESD204B interface, refer to the
JESD204B standard.
The AD6677 JESD204B transmit block maps the output of the
ADC over a single link. The link is configured to use a single
pair of serial differential outputs that is called a lane. The
JESD204B specification refers to a number of parameters to
define the link, and these parameters must match between the
JESD204B transmitter (AD6677 output) and receiver.
The JESD204B link is described according to the following
parameters:
•
S = samples transmitted per single converter per frame
cycle (AD6677 value = 1)
•
M = number of converters per converter device
(AD6677 value = 1)
•
L = number of lanes per converter device (AD6677 value = 1)
•
N = converter resolution (AD6677 value = 11)
•
N’ = total number of bits per sample (AD6677 value = 16)
•
CF = number of control words per frame clock cycle per
converter device (AD6677 value = 0)
•
CS = number of control bits per conversion sample
(configurable on the AD6677 up to 2 bits)
•
K = number of frames per multiframe (configurable on
the AD6677)
•
HD = high density mode (AD6677 value = 0)
•
F = octets/frame (AD6677 value = 2)
•
C = control bit (overrange, overflow, underflow; available
on the AD6677)
•
T = tail bit (available on the AD6677)
•
SCR = scrambler enable/disable (configurable on the AD6677)
•
FCHK = checksum for the JESD204B parameters
(automatically calculated and stored in register map)
Figure 51 shows a simplified block diagram of the AD6677
JESD204B link. The AD6677 is configured to use one converter
and one lane. Converter data is output to SERDOUT0+/
SERDOUT0−. The AD6677 allows for other configurations such
as combining the outputs of both converters onto a single lane or
changing the mapping of the A and B digital output paths. These
modes are set up through a quick configuration register in the
register map, along with additional customizable options.
By default, in the AD6677, the 11-bit converter word is divided
into two octets (8 bits of data). Bit 10 (MSB) through Bit 3 are in
the first octet. The second octet contains Bit 2 through Bit 0 (LSB),
followed by three bits that can be programmed as 0 or pseudo-
random numbers with two tail bits added to fill the second
octet. The tail bits can be configured as zeros, a pseudo-random
number sequence, or control bits indicating overrange,
underrange, or valid data conditions.
The two resulting octets can be scrambled. Scrambling is
optional, however, it is available to avoid spectral peaks when
transmitting similar digital data patterns. The scrambler uses a
self synchronizing, polynomial-based algorithm defined by the
1 + x14 + x15 equation. The descrambler in the receiver must be a
self synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8B/10B encoder. The
8B/10B encoder works by taking eight bits of data (an octet) and
encoding them into a 10-bit symbol. Figure 52 shows how the
11-bit data is taken from the ADC, the tail bits are added, the two
octets are scrambled, and how the octets are encoded into two
10-bit symbols. Figure 52 illustrates the default data format.
At the data link layer, in addition to the 8B/10B encoding, the
character replacement allows the receiver to monitor frame
alignment. The character replacement process occurs on the frame
and multiframe boundaries. Implementation depends on which
boundary is occurring and if scrambling is enabled.
If scrambling is disabled, the following applies:
•
If the last scrambled octet of the last frame of the multiframe
equals the last octet of the previous frame, the transmitter
replaces the last octet with the control character /A/ = /K28.3/.
•
On other frames within the multiframe, if the last octet in
the frame equals the last octet of the previous frame, the
transmitter replaces the last octet with the control character
/F/ = /K28.7/.
If scrambling is enabled, the following applies:
•
If the last octet of the last frame of the multiframe equals
0x7C, the transmitter replaces the last octet with the control
character /A/ = /K28.3/.
•
On other frames within the multiframe, if the last octet
equals 0xFC, the transmitter replaces the last octet with
the control character /F/ = /K28.7/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com