Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 22Page - Analog Devices AD6677EBZ Datasheet HTML 23Page - Analog Devices AD6677EBZ Datasheet HTML 24Page - Analog Devices AD6677EBZ Datasheet HTML 25Page - Analog Devices AD6677EBZ Datasheet HTML 26Page - Analog Devices AD6677EBZ Datasheet HTML 27Page - Analog Devices AD6677EBZ Datasheet HTML 28Page - Analog Devices AD6677EBZ Datasheet HTML 29Page - Analog Devices AD6677EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 26 of 48
Refer to JEDEC Standard, No. 204B, July 2011, for additional
information about the JESD204B interface. Section 5.1 covers
the transport layer and data format details, and Section 5.2
covers scrambling and descrambling.
JESD204B Synchronization Details
The AD6677 is a JESD204B Subclass 1 device that establishes
synchronization of the link through two control signals, SYSREF
and SYNC, and, typically, a common device clock. SYSREF and
SYNC are common to all converter devices for alignment purposes
at the system level.
The synchronization process is accomplished over three phases:
code group synchronization (CGS), initial lane alignment sequence
(ILAS), and data transmission. If scrambling is enabled, the bits are
not actually scrambled until the data transmission phase, and
the CGS phase and ILAS phase do not use scrambling.
CGS Phase
In the CGS phase, the JESD204B transmit block transmits
/K28.5/ characters. The receiver (external logic device) must
locate /K28.5/ characters in the input data stream using clock
and data recovery (CDR) techniques.
When a certain number of consecutive /K28.5/ characters are
detected on the link lane, the receiver initiates a SYSREF edge
so that the AD6677 transmit data establishes a local multiframe
clock (LMFC) internally.
The SYSREF edge also resets any sampling edges within the
ADC to align sampling instances to the LMFC. This is important
to maintain synchronization across multiple devices.
The receiver or logic device deasserts the sync signal (SYNCINB±),
and the transmitter block begins the ILAS phase.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern,
and the receiver aligns the lanes in the link and verifies the
parameters of the link.
The ILAS phase begins after SYNC has been deasserted (goes
high). The transmit block begins to transmit four multiframes.
Dummy samples are inserted between the required characters
so that full multiframes are transmitted. The four multiframes
include the following:
•
Multiframe 1 begins with an /R/ character [K28.0] and
ends with an /A/ character [K28.3].
•
Multiframe 2 begins with an /R/ character followed by a /Q/
[K28.4] character, followed by link configuration parameters
over 14 configuration octets (see Table 10), and ends with
an /A/ character.
•
Multiframe 3 is the same as Multiframe 1.
•
Multiframe 4 is the same as Multiframe 1.
Data Transmission Phase
In the data transmission phase, frame alignment is monitored with
control characters. Character replacement is used at the end of
frames. Character replacement in the transmitter occurs in the
following instances:
•
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame
•
If scrambling is enabled and the last octet of the multiframe is
equal to 0x7C, or the last octet of a frame is equal to 0xFC
Table 10. Fourteen Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
Subclass[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
11
Reserved, don’t care
12
Reserved, don’t care
13
FCHK[7:0]
Link Setup Parameters
The following sections demonstrate how to configure the AD6677
JESD204B interface. The steps to configure the output include
the following:
1. Disable the lane before changing the configuration.
2. Select a quick configuration option.
3. Configure detailed options.
4. Check FCHK, the checksum of the JESD204B interface
parameters.
5. Set additional digital output configuration options.
6. Reenable the lane.
Disable Lane Before Changing Configuration
Before modifying the JESD204B link parameters, disable the
link and hold it in reset. This is accomplished by writing Logic 1
to Address 0x5F, Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com