Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 39Page - Analog Devices AD6677EBZ Datasheet HTML 40Page - Analog Devices AD6677EBZ Datasheet HTML 41Page - Analog Devices AD6677EBZ Datasheet HTML 42Page - Analog Devices AD6677EBZ Datasheet HTML 43Page - Analog Devices AD6677EBZ Datasheet HTML 44Page - Analog Devices AD6677EBZ Datasheet HTML 45Page - Analog Devices AD6677EBZ Datasheet HTML 46Page - Analog Devices AD6677EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 43 of 48
Bit 4—Reserved
Bits[3:0]—JESD204B N’ Value
Read only bits showing the total number of bits per sample,
minus 1 (reads back 15 (0xF) for 16 bits per sample).
JESD204B Samples per Converter per Frame Cycle (S)
(Address 0x74)
Bits[7:6]—Open
Bit 5—Reserved; set to 1
Bits[4:0]—JESD204B samples per converter per frame cycle (S)
Read only bits showing the number of samples per converter
frame cycle, minus 1 (reads back 0 (0x0) for one sample per
converter frame).
JESD204B Parameters, HD and CF (Address 0x75)
Bit 7—JESD204B high density (HD) value (read only)
Read only bit. Always set to 0.
Bits[6:5]—Open
Bits[4:0]—JESD204B control words per frame clock cycle per
link (CF)
Read only bits. Reads back 0x0.
JESD204B Reserved 1 (Address 0x76)
Bits[7:0]—JESD204B Reserved Field 1
This read/write register is available for customer use.
JESD204B Reserved 2 (Address 0x77)
Bits[7:0]—JESD204B Reserved Field 2
This read/write register is available for customer use.
JESD204B Checksum (Address 0x79)
Bits[7:0]—JESD204B checksum value for the output lane
This read only register is automatically calculated for the lane.
Checksum equals sum (all link configuration parameters for the
lane) modulus 256.
JESD204B Output Driver Control (Address 0x80)
Bits[7:1]—Reserved
Bit 1—JESD204B driver power-down
When this bit is set low, the JESD204B output drivers are enabled.
When this bit is set high, the JESD204B output drivers are
powered down.
JESD204B LMFC Offset (Address 0x8B)
Bits[7:5]—Reserved
Bits[4:0]—Local multiframe clock phase offset value
These bits are the reset value for the local multiframe clock
(LMFC) phase counter when SYSREF± is asserted. These bits
are used in applications requiring deterministic delay.
JESD204B Preemphasis (Address 0xA8)
Bits[7:0]—JESD204B preemphasis enable option
These bits enable the preemphasis feature on the JESD204B
output drivers. Setting Bits[7:0] to 0x04 disables preemphasis,
and setting Bits[7:0] to 0x14 enables preemphasis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com