Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 38Page - Analog Devices AD6677EBZ Datasheet HTML 39Page - Analog Devices AD6677EBZ Datasheet HTML 40Page - Analog Devices AD6677EBZ Datasheet HTML 41Page - Analog Devices AD6677EBZ Datasheet HTML 42Page - Analog Devices AD6677EBZ Datasheet HTML 43Page - Analog Devices AD6677EBZ Datasheet HTML 44Page - Analog Devices AD6677EBZ Datasheet HTML 45Page - Analog Devices AD6677EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 42 of 48
Bit 0—JESD204B link power-down
If Bit 0 is set high, the serial transmit link is held in reset with
the clock gated off. The JESD204B transmitter must be powered
down when changing any of the link configuration bits.
JESD204B Link Control 2 (Address 0x60)
Bits[7:5]—Reserved; set to 0
Bit 4—SYNCINB± logic type
0 = LVDS differential pair SYNCINB± input (default).
1 = CMOS single-ended SYNCINB± using the SYNCINB+
input. If operating in this mode, leave the SYNCINB− floating.
Bit 3—Open
Bit 2—Reserved; set to 0
Bit 1—Invert transmit bits
Setting this bit inverts the 10 serial output bits. This effectively
inverts the output signals.
Bit 0—Reserved; set to 0
JESD204B Link Control 3 (Address 0x61)
Bit [7:6]—Reserved; set to 0
Bits[5:4]—Test data injection point
01 = 10-bit test generation data injected at output of 8B/10B
encoder (at input to PHY).
10 = 8-bit test generation data injected at input of scrambler.
Bits[3:0]—JESD204B Test Mode Patterns
0000 = normal operation (test mode disabled).
0001 = alternating checkerboard.
0010 = 1/0 word toggle.
0011 = PN23 sequence.
0100 = PN9 sequence.
0101 = continuous/repeat user test mode. The most significant bits
from the user patterns (1, 2, 3, 4) are placed on the output for one
clock cycle and then the output user patterns are repeated (1, 2,
3, 4, 1, 2, 3, 4, 1, 2, 3, 4….).
0110 = single user test mode. The most significant bits from the
user patterns (1, 2, 3, 4) are placed on the output for one clock
cycle and then all zeros are output (output user patterns 1, 2, 3,
4; then output all zeros).
0111 = reserved.
1100 = PN7 sequence.
1101 = PN15 sequence.
Others = unused.
JESD204B Device Identification (DID) Configuration
(Address 0x64)
Bits[7:0]—JESD204B device identification (DID) value
JESD204B Bank Identification (BID) Configuration
(Address 0x65)
Bits[7:4]—Open
Bits[3:0]—JESD204B bank identification (BID) value
JESD204B Lane Identification (LID) Configuration
(Address 0x67)
Bits[7:5]—Open
Bits[4:0]—JESD204B lane identification (LID) value
JESD204B Scrambler (SCR) and Lane (L) Configuration
(Address 0x6E)
Bit 7—JESD204B scrambling (SCR)
When this bit is set to low, it disables the scrambler (SCR = 0).
When this bit is set to high, it enables the scrambler (SCR = 1).
Bits[6:5]—Open
Bits[4:0]—JESD204B number of lanes
0 = one lane per link (L = 1).
JESD204B Parameters, F (Address 0x6F, Read Only)
Bits[7:0]—JESD204B number of octets per frame (F)
The readback from this register is calculated from the following
equation: F = (M × 2)/L.
The valid value for F is F = 2, with M = 1 and L = 1.
JESD204B Parameters, K (Address 0x70)
Bits[7:0]—JESD204B number of frames per multiframe (K)
This register sets the K value for the JESD204B interface which
defines the number of frames per multiframe. The value must
be a multiple of 4.
JESD204B Parameters, M (Address 0x71)
Bit [7:0]—JESD204B number of converters (M)
0 = link connected to one ADC. Only primary input used (M = 1).
JESD204B Parameters, N/CS (Address 0x72)
Bits[7:6]—Number of control bits (CS)
00 = no control bits sent per sample (CS = 0).
01 = one control bit sent per sample—overrange bit enabled
(CS = 1).
10 = two control bits sent per sample—overflow/underflow bits
enabled (CS = 2).
Bit [5:4]—Open
Bits [3:0]—ADC converter resolution (N)
Read only bits showing the converter resolution (reads back 13
(0xD) for 14-bit resolution).
JESD204B Parameters, Subclass/N’ (Address 0x73)
Bit 7—Reserved
Bits[6:5]—JESD204B subclass
When Bits[6:5] are 00, the device operates in Subclass 0 mode, and
when Bits[6:5] are 01, the device operates in Subclass 1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com