Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 36Page - Analog Devices AD6677EBZ Datasheet HTML 37Page - Analog Devices AD6677EBZ Datasheet HTML 38Page - Analog Devices AD6677EBZ Datasheet HTML 39Page - Analog Devices AD6677EBZ Datasheet HTML 40Page - Analog Devices AD6677EBZ Datasheet HTML 41Page - Analog Devices AD6677EBZ Datasheet HTML 42Page - Analog Devices AD6677EBZ Datasheet HTML 43Page - Analog Devices AD6677EBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 40 of 48
MEMORY MAP REGISTER DESCRIPTIONS
For more information on functions controlled in Address 0x00 to
Address 0x21 and Address 0xFF, with the exception of Address 0x08
and Address 0x14, see the Application Note AN-877, Interfacing
to High Speed ADCs via SPI.
PDWN Modes (Address 0x08)
Bits[7:6]—Reserved
Bit 5—External PDWN mode
This bit controls the function of the PDWN pin. When this bit is 0,
asserting the PDWN pin results in a full power-down of the device.
When this bit is 1, asserting the PDWN pin places the device in
standby.
Bit 4—JESD204B standby mode
This bit controls the state of the JESD204B digital circuitry when
the external PDWN pin places the device into standby. If this
bit is 0, the JES204B digital circuitry is not placed into standby.
When this bit is 1, the JESD204B circuitry is placed into standby
when the PDWN pin is asserted and Bit 5 is 1.
Bits[3:2]—JESD204B power modes
These bits control the power modes of the JESD204B digital
circuitry. When Bits[3:2] = 00, the JESD204B digital circuitry
is in normal mode. When Bits[3:2] = 01, the JESD204B digital
circuitry is in power-down mode with the PLL off, serializer
off, clocks stopped, and the digital circuitry held in reset. When
Bits[3:2] = 10, the JESD204B digital circuitry is placed into
standby mode with the PLL on, serializer off, clocks stopped,
and the digital circuitry held in reset.
Bits[1:0]—ADC power modes
These bits select power mode for the ADC excluding the
JESD204B digital circuitry. When Bits[1:0] = 00, the ADC is in
normal mode. When Bits[1:0] = 01, the ADC is placed into power-
down mode, and when Bits[1:0] = 10, the ADC is placed into
standby mode.
Output Mode (Address 0x14)
Bits[7:5]—JESD204B CS bits assignment
These bits control the function of the CS bits in the JESD204B
serial data stream.
Bit 4—ADC output disable
If this bit is set, the output data from the ADC is disabled.
Bit 3—Open
Bit 2—ADC data invert
If this bit is set, the output data from the ADC is inverted.
Bits[1:0]—Data format select
These bits select the output data format. When Bits[1:0] = 00,
the output data is in offset binary format, and when Bits[1:0] = 01,
the output data is in twos complement format.
SYNCINB±/SYSREF± Control (Address 0x3A)
Bits[7:5]—Reserved
Bit 4—JESD204B realign SYNCINB±
When this bit is set low, the JESD204B link operates in normal
mode. When this bit is high, the JESD204B link realigns on
every active SYNCINB± assertion.
Bit 3—JESD204B realign SYSREF±
When this bit is set low, the JESD204B link operates in normal
mode. When this bit is high, the JESD204B link realigns on
every active SYSREF± assertion.
Bit 2—SYSREF± mode
When this bit is set low, the clock dividers are continuously reset on
each SYSREF± assertion. When this bit is high, the clock dividers
are reset on the next rising edge of SYSREF± only.
Bit 1—SYSREF± enable
When this bit is set low, the SYSREF± input is disabled. When
this bit is high, the SYSREF± input is enabled.
Bit 0—Enable SYNCINB± buffer
When this bit is set low, the SYNCINB± input buffer is disabled.
When this bit is high, the SYNCINB± input buffer is enabled.
NSR Control (Address 0x3C)
Bits[7:2]—Reserved
Bit 1—Bandwidth mode (NSR)
Bit 1 determines the bandwidth mode of the NSR. When Bit 1 is
set to 0, the NSR is configured for 22% bandwidth mode, which
provides enhanced SNR performance over 22% of the sample rate.
When Bit 1 is set to 1, the NSR is configured for 33% bandwidth
mode, which provides enhanced SNR performance over 33% of
the sample rate.
Bit 0—NSR enable
The NSR is enabled when Bit 0 is high and disabled when Bit 0
is low.
NSR Tuning Word (Address 0x3E)
Bits[7:6]—Reserved
Bits[5:0]—Noise shaped requantizer tuning word
The NSR tuning word sets the band edges of the NSR band. In
22% bandwidth mode, there are 57 possible tuning words, and
in 33% bandwidth mode, there are 34 possible tuning words. In
either mode, each step represents 0.5% of the ADC sample rate.
For the equations that calculate the tuning word based on the
bandwidth mode of operation, see the Noise Shaping
Requantizer section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com