Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 10Page - Analog Devices AD6677EBZ Datasheet HTML 11Page - Analog Devices AD6677EBZ Datasheet HTML 12Page - Analog Devices AD6677EBZ Datasheet HTML 13Page - Analog Devices AD6677EBZ Datasheet HTML 14Page - Analog Devices AD6677EBZ Datasheet HTML 15Page - Analog Devices AD6677EBZ Datasheet HTML 16Page - Analog Devices AD6677EBZ Datasheet HTML 17Page - Analog Devices AD6677EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 14 of 48
60
65
70
75
80
85
90
95
100
10 45 80 115 150 185 220 255 290 325 360 395 430 465 500
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 11. Single-Tone SNR/SFDR vs. Input Frequency (fIN)
60
65
70
75
80
85
90
95
100
10 45 80 115 150 185 220 255 290 325 360 395 430 465 500
FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 12. Single-Tone SNR/SFDR vs. Input Frequency (fIN), RFCLK = 1.0 GHz
with Divide by 4 (Address 0x09 = 0x21)
–120
–100
–80
–60
–40
–20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
IMD3 (dBc)
SFDR (dBc)
Figure 13. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
–120
–100
–80
–60
–40
–20
0
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBFS)
Figure 14. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
89.12MHz AT –7.0dBFS
92.12MHz AT –7.0dBFS
SFDR = 89dBc (96dBFS)
Figure 15. Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
184.12MHz AT –7.0dBFS
187.12MHz AT –7.0dBFS
SFDR = 86dBc (93dBFS)
Figure 16. Two-Tone FFT with fIN1 = 184.12 MHz,
fIN2 = 187.12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com