Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 4Page - Analog Devices AD6677EBZ Datasheet HTML 5Page - Analog Devices AD6677EBZ Datasheet HTML 6Page - Analog Devices AD6677EBZ Datasheet HTML 7Page - Analog Devices AD6677EBZ Datasheet HTML 8Page - Analog Devices AD6677EBZ Datasheet HTML 9Page - Analog Devices AD6677EBZ Datasheet HTML 10Page - Analog Devices AD6677EBZ Datasheet HTML 11Page - Analog Devices AD6677EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 8 of 48
Parameter
Temperature
Min
Typ
Max
Unit
Low Level Output Voltage (VOL)
Full
IOL = 2.0 mA
Full
0.25
V
IOL = 1.6 mA
Full
0.2
V
IOL = 50 µA
Full
0.05
V
1
Pull-up.
2
Needs an external pull-up.
3
Pull-down.
4
Compatible with JEDEC standard JESD8-7A.
SWITCHING SPECIFICATIONS
Table 4.
Parameter
Symbol
Temperature
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate1
fS
Full
40
250
MSPS
SYSREF± Setup Time to Rising Edge CLK±2
tREFS
Full
300
ps
SYSREF± Hold Time from Rising Edge CLK±2
tREFH
Full
40
ps
SYSREF± Setup Time to Rising Edge RFCLK±2
tREFSRF
Full
400
ps
SYSREF± Hold Time from Rising Edge RFCLK±2
tREFHRF
Full
0
ps
CLK± Pulse Width High
tCH
Divide by 1 Mode, DCS Enabled
Full
1.8
2.0
2.2
ns
Divide by 1 Mode, DCS Disabled
Full
1.9
2.0
2.1
ns
Divide by 2 Mode Through Divide by 8 Mode
Full
0.8
ns
Aperture Delay
tA
Full
1.0
ns
Aperture Uncertainty (Jitter)
tJ
Full
0.16
ps rms
DATA OUTPUT PARAMETERS
Data Output Period or Unit Interval (UI)
Full
20 × fS
Seconds
Data Output Duty Cycle
25°C
50
%
Data Valid Time
25°C
0.78
UI
PLL Lock Time
tLOCK
25°C
25
µs
Wake-Up
Time (Standby)
25°C
10
µs
Time ADC (Power-Down)3
25°C
250
ms
Time Output (Power-Down)4
25°C
50
ms
Subclass 0: SYNCINB± Falling Edge to First Valid K.28
Characters (Delay Required for Rx CGS Start)
Full
5
Multiframes
Subclass 1: SYSREF± Rising Edge to First Valid K.28
Characters (Delay Required for SYNCB± Rising
Edge/Rx CGS Start)
Full
6
Multiframes
CGS Phase K.28 Characters Duration
Full
1
Multiframe
Pipeline Delay
JESD204B (Latency)
Full
36
Cycles5
Additional Pipeline Latency with NSR Enabled
Full
2
Cycles
Fast Detect (Latency)
Full
7
Cycles
Lane Rate
Full
5
Gbps
Uncorrelated Bounded High Probability (UBHP) Jitter
Full
12
ps
Random Jitter at 5 Gbps
Full
1.7
ps rms
Output Rise/Fall Time
Full
60
ps
Differential Termination Resistance
25°C
100
Ω
Out of Range Recovery Time
Full
3
Cycles
1
Conversion rate is the clock rate after the divider.
2
Refer to Figure 3 for timing diagram.
3
Wake-up time ADC is defined as the time required for the ADC to return to normal operation from power-down mode.
4
Wake-up time output is defined as the time required for JESD204B output to return to normal operation from power-down mode.
5
Cycles refers to ADC conversion rate cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com