Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 5Page - Analog Devices AD6677EBZ Datasheet HTML 6Page - Analog Devices AD6677EBZ Datasheet HTML 7Page - Analog Devices AD6677EBZ Datasheet HTML 8Page - Analog Devices AD6677EBZ Datasheet HTML 9Page - Analog Devices AD6677EBZ Datasheet HTML 10Page - Analog Devices AD6677EBZ Datasheet HTML 11Page - Analog Devices AD6677EBZ Datasheet HTML 12Page - Analog Devices AD6677EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 9 of 48
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS (See Figure 58)
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CS and SCLK
2
ns
tH
Hold time between CS and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns
tLOW
Minimum period that SCLK must be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge (not shown in figures)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in figures)
10
ns
tSPI_RST
Time required after hard or soft reset until SPI access is available
(not shown in figures)
500
µs
Timing Diagrams
N – 36
N – 35
N – 34
N – 33
N – 1
N + 1
SAMPLE N
ANALOG
INPUT
SIGNAL
CLK–
CLK+
CLK–
CLK+
SERDOUT0±
SAMPLE N – 36
ENCODED INTO 2
8B/10B SYMBOLS
SAMPLE N – 35
ENCODED INTO 2
8B/10B SYMBOLS
SAMPLE N – 34
ENCODED INTO 2
8B/10B SYMBOLS
Figure 2. Data Output Timing
tREFS
tREFH
tREFSRF
tREFHRF
RFCLK
CLK–
CLK+
SYSREF–
SYSREF+
NOTES
1. CLOCK INPUT IS EITHER RFCLK OR CLK±, NOT BOTH.
Figure 3. SYSREF± Setup and Hold Timing (Clock Input Either RFCLK or CLK±, Not Both)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com