Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 13Page - Analog Devices AD6677EBZ Datasheet HTML 14Page - Analog Devices AD6677EBZ Datasheet HTML 15Page - Analog Devices AD6677EBZ Datasheet HTML 16Page - Analog Devices AD6677EBZ Datasheet HTML 17Page - Analog Devices AD6677EBZ Datasheet HTML 18Page - Analog Devices AD6677EBZ Datasheet HTML 19Page - Analog Devices AD6677EBZ Datasheet HTML 20Page - Analog Devices AD6677EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 17 of 48
THEORY OF OPERATION
The AD6677 has one analog input channel and one JESD204B
output lane. The signal passes through several stages before
appearing at the output port.
The dual ADC design can be used for diversity reception of signals,
where the ADCs operate identically on the same carrier but from
two separate antennae. The ADCs can also operate with ind-
ependent analog inputs. The user can sample frequencies from
dc to 400 MHz using appropriate low-pass or band-pass filtering at
the ADC inputs with little loss in ADC performance. Operation
above 400 MHz analog input is permitted but occurs at the expense
of increased ADC noise and distortion.
A synchronization capability is provided to allow synchronized
timing between multiple devices.
Programming and control of the AD6677 are accomplished using a
3-pin, SPI-compatible serial interface.
ADC ARCHITECTURE
The AD6677 architecture consists of a front-end, sample-and-hold
circuit, followed by a pipelined switched capacitor ADC. The
quantized outputs from each stage are combined into a final 11-bit
result in the digital correction logic. Alternately, the 11-bit result
can be processed through the NSR block before it is sent to the
digital correction logic.
The pipelined architecture permits the first stage to operate on
a new input sample, and the remaining stages to operate on the
preceding samples. Sampling occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor digital-
to-analog converter (DAC) and an interstage residue amplifier
(MDAC). The MDAC magnifies the difference between the
reconstructed DAC output and the flash input for the next stage
in the pipeline. One bit of redundancy is used in each stage to
facilitate digital correction of flash errors. The last stage simply
consists of a flash ADC.
The input stage contains a differential sampling circuit that can
be ac- or dc-coupled in differential or single-ended modes. The
output staging block aligns the data, corrects errors, and passes
the data to the output buffers. The output buffers are powered
from a separate supply, allowing digital output noise to be
separated from the analog core.
The user can input frequencies from dc to 300 MHz using
appropriate low-pass or band-pass filtering at the ADC inputs,
with little loss in performance. Operation to a 400 MHz analog
input is permitted; however, it occurs at the expense of increased
ADC noise and distortion. A synchronization capability is
provided to allow synchronized timing between multiple devices.
Programming and control of the AD6677 are accomplished using
a 3-wire SPI-compatible serial interface.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD6677 is a differential, switched
capacitor circuit that has been designed for optimum
performance while processing a differential input signal.
The clock signal alternatively switches the input between sample
mode and hold mode (see the configuration shown in Figure 29).
When the input is switched into sample mode, the signal source
must be capable of charging the sampling capacitors and settling
within 1/2 clock cycle.
A small resistor in series with each input can help reduce the peak
transient current required from the output stage of the driving
source. A shunt capacitor can be placed across the inputs to provide
dynamic charging currents. This passive network creates a low-pass
filter at the ADC input; therefore, the precise values are dependent
on the application.
In IF undersampling applications, reduce the shunt capacitors. In
combination with the driving source impedance, the shunt
capacitors limit the input bandwidth. Refer to the Application
Note AN-742, Frequency Domain Response of Switched-Capacitor
ADCs; the Application Note AN-827, A Resonant Approach to
Interfacing Amplifiers to Switched-Capacitor ADCs; and the
Analog Dialogue article, “Transformer-Coupled Front-End for
Wideband A/D Converters,” for more information.
CPAR1
CPAR1
CPAR2
CPAR2
S
S
S
S
S
S
CFB
CFB
CS
CS
BIAS
BIAS
VIN+
H
VIN–
Figure 29. Switched Capacitor Input
For best dynamic performance, match the source impedances
driving VIN+ and VIN− and differentially balance the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com