Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD6677EBZ Datasheet HTML 1Page - Analog Devices AD6677EBZ Datasheet HTML 2Page - Analog Devices AD6677EBZ Datasheet HTML 3Page - Analog Devices AD6677EBZ Datasheet HTML 4Page - Analog Devices AD6677EBZ Datasheet HTML 5Page - Analog Devices AD6677EBZ Datasheet HTML 6Page - Analog Devices AD6677EBZ Datasheet HTML 7Page - Analog Devices AD6677EBZ Datasheet HTML 8Page - Analog Devices AD6677EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 4 of 48
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range,
duty cycle stabilizer enabled, default SPI, unless otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
11
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±9.0
mV
Gain Error
Full
−5.3
+1.2
%FSR
Differential Nonlinearity (DNL)
Full
±0.6
LSB
25°C
±0.25
LSB
Integral Nonlinearity (INL)1
Full
±0.7
LSB
25°C
±0.3
LSB
TEMPERATURE DRIFT
Offset Error
Full
±7
ppm/°C
Gain Error
Full
±39
ppm/°C
INPUT REFERRED NOISE
VREF = 1.75 V
25°C
0.46
LSB rms
ANALOG INPUT
Input Span
Full
1.75
V p-p
Input Capacitance2
Full
2.5
pF
Input Resistance3
Full
20
kΩ
Input Common-Mode Voltage
Full
0.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
DVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD
Full
149
163
mA
IDRVDD + IDVDD
Full
mA
NSR Disabled
Full
93
mA
NSR Enabled, 22% Mode
Full
120
128
mA
NSR Enabled, 33% Mode
Full
129
mA
POWER CONSUMPTION
Sine Wave Input
Full
NSR Disabled
Full
435
mW
NSR Enabled, 22% Mode
Full
484
mW
NSR Enabled, 33% Mode
Full
500
mW
Standby Power4
Full
266
mW
Power-Down Power5
Full
9
mW
1
Measured with a low input frequency, full-scale sine wave.
2
Input capacitance refers to the effective capacitance between one differential input pin and the complement.
3
Input resistance refers to the effective resistance between one differential input pin and the complement.
4
Standby power is measured with a low input frequency, full-scale sine wave and the CLK± pins active. Address 0x08 is set to 0x20, and the PDWN pin is asserted.
5
Power-down power is measured with a low input frequency, full-scale sine wave, RFCLK pulled high, and the CLK± pins active. Address 0x08 is set to 0x00 and the
PDWN pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com