Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 29Page - Analog Devices AD6677EBZ Datasheet HTML 30Page - Analog Devices AD6677EBZ Datasheet HTML 31Page - Analog Devices AD6677EBZ Datasheet HTML 32Page - Analog Devices AD6677EBZ Datasheet HTML 33Page - Analog Devices AD6677EBZ Datasheet HTML 34Page - Analog Devices AD6677EBZ Datasheet HTML 35Page - Analog Devices AD6677EBZ Datasheet HTML 36Page - Analog Devices AD6677EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 33 of 48
SERIAL PORT INTERFACE (SPI)
The AD6677 SPI allows the user to configure the converter for
specific functions or operations through a structured register
space provided inside the ADC. The SPI gives the user added
flexibility and customization, depending on the application.
Addresses are accessed via the serial port and can be written to
or read from via the port. Memory is organized into bytes that
can be further divided into fields. These fields are documented
in the Memory Map section. For detailed operational information,
see the Application Note AN-877, Interfacing to High Speed
ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK pin, the SDIO
pin, and the CS pin (see Table 15). The SCLK (serial clock) pin is
used to synchronize the read and write data presented from/to the
ADC. The SDIO (serial data input/output) pin is a dual-purpose
pin that allows data to be sent to and read from the internal ADC
memory map registers. The CS (chip select bar) pin is an active low
control that enables or disables the read and write cycles.
Table 15. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input, which is used to
synchronize the serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin that
typically serves as an input or an output, depending on
the instruction being sent and the relative position in the
timing frame.
CS
Chip select bar. An active low control that gates the read
and write cycles.
The falling edge of CS, in conjunction with the rising edge of
SCLK, determines the start of the framing. An example of the
serial timing and definitions can be found in Figure 58 and
Table 5.
Other modes involving CS are available. CS can be held low
indefinitely, which permanently enables the device; this is called
streaming. CS can stall high between bytes to allow for additional
external timing. When CS is tied high, SPI functions are placed
in a high impedance mode. This mode turns on any SPI pin
secondary functions.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and the length is determined
by the W0 and the W1 bits.
All data is composed of 8-bit words. The first bit of each individual
byte of serial data indicates whether a read or write command is
issued. This allows the SDIO pin to change direction from an
input to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to both program the chip and read the contents of
the on-chip memory. If the instruction is a readback operation,
performing a readback causes the SDIO pin to change direction
from an input to an output at the appropriate point in the serial
frame.
Data can be sent in MSB first mode or in LSB first mode. MSB
first is the default on power-up and can be changed via the SPI
port configuration register. For more information about this and
other features, see the Application Note AN-877, Interfacing to
High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 15 comprise the physical interface
between the user programming device and the serial port of the
AD6677. The SCLK pin and the CS pin function as inputs when
using the SPI interface. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the Application Note AN-812,
Microcontroller-Based Serial Port Interface (SPI) Boot Circuit.
Do not activate the SPI port during periods when the full dynamic
performance of the converter is required. Because the SCLK signal,
the CS signal, and the SDIO signal are typically asynchronous to
the ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices, it
may be necessary to provide buffers between this bus and the
AD6677 to prevent these signals from transitioning at the converter
inputs during critical sampling periods.
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the Application Note AN-877, Interfacing to High Speed ADCs
via SPI. The AD6677 device-specific features are described in
the Memory Map Register Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com