Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 16Page - Analog Devices AD6677EBZ Datasheet HTML 17Page - Analog Devices AD6677EBZ Datasheet HTML 18Page - Analog Devices AD6677EBZ Datasheet HTML 19Page - Analog Devices AD6677EBZ Datasheet HTML 20Page - Analog Devices AD6677EBZ Datasheet HTML 21Page - Analog Devices AD6677EBZ Datasheet HTML 22Page - Analog Devices AD6677EBZ Datasheet HTML 23Page - Analog Devices AD6677EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 20 of 48
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 37. Differential PECL Sample Clock (Up to 625 MHz)
Analog Devices also offers LVDS clock drivers with excellent jitter
performance. Figure 38 shows a typical circuit. This illustrates
using LVDS drivers such as the AD9510, AD9511, AD9512,
AD9513, AD9514, AD9515, the AD9516-0 through AD9516-5
device family, the AD9517-0 through AD9517-4 device family,
the AD9518-0 through AD9518-4 device family, the AD9520-0
through AD9520-5 device family, the AD9522-0 through
AD9522-5 device family, AD9523, and AD9524.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 38. Differential LVDS Sample Clock (Up to 625 MHz)
RF Clock Input Options
The AD6677 RF clock input supports a single-ended clock
between 500 MHz to 1.5 GHz. The equivalent RF clock input
circuit is shown in Figure 39. The input is self biased to 0.9 V and is
typically ac-coupled. The input has a typical input impedance of
10 kΩ in parallel with 0.5 pF at the RFCLK pin.
BIAS
CONTROL
10kΩ
RFCLK
INTERNAL
CLOCK DRIVER
0.5pF
Figure 39. Equivalent RF Clock Input Circuit
It is recommended that the RF clock input of the AD6677 be
driven with a PECL or sine wave signal with a minimum signal
amplitude of 600 mV p-p. Regardless of the type of signal used,
clock source jitter is of the most concern, as described in the Jitter
Considerations section. Figure 40 shows the preferred method of
clocking when using the RF clock input on the AD6677. Due to
the high frequency nature of the signal, it is recommended to use
a 50 Ω transmission line to route the clock signal to the RF clock
input of the AD6677 and terminate the transmission line close to
the RF clock input.
RFCLK
ADC
50Ω Tx LINE
RF CLOCK
INPUT
0.1µF
50Ω
Figure 40. Typical RF Clock Input Circuit
Figure 41 shows the RF clock input of the AD6677 being driven
from the LVPECL outputs of the AD9515. The differential
LVPECL output signal from the AD9515 is converted to a single-
ended signal using an RF balun or RF transformer. The RF balun
configuration is recommended for clock frequencies associated
with the RF clock input.
0.1µF
0.1µF
0.1µF
0.1µF
LVPECL
DRIVER
AD9515
127Ω
VDD
82.5Ω
127Ω
82.5Ω
CLOCK INPUT
CLOCK INPUT
RFCLK
ADC
50Ω Tx LINE
0.1µF
50Ω
Figure 41. Differential PECL RF Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com