Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 33Page - Analog Devices AD6677EBZ Datasheet HTML 34Page - Analog Devices AD6677EBZ Datasheet HTML 35Page - Analog Devices AD6677EBZ Datasheet HTML 36Page - Analog Devices AD6677EBZ Datasheet HTML 37Page - Analog Devices AD6677EBZ Datasheet HTML 38Page - Analog Devices AD6677EBZ Datasheet HTML 39Page - Analog Devices AD6677EBZ Datasheet HTML 40Page - Analog Devices AD6677EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 37 of 48
Reg
Addr
(Hex)
Reg Addr
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x15
CML output
adjust
JESD204B CML differential output drive
level adjustment:
000 = 75% of nominal ( 438 mV p-p),
001 = 83% of nominal (488 mV p-p),
010 = 91% of nominal (538 mV p-p),
011 = nominal (default) (588 mV p-p),
100 = 109% of nominal (638 mV p-p),
101 = 117% of nominal (690 mV p-p),
110 = 126% of nominal (740 mV p-p),
111 = 134% of nominal (790 mV p-p)
0x03
0x18
Input span
select
Main reference full-scale VREF adjustment:
0 1111 = internal 2.087 V p-p,
...
0 0001 = internal 1.772 V p-p,
0 0000 = internal 1.75 V p-p (default),
1 1111 = internal 1.727 V p-p,
…
1 0000 = internal 1.383 V p-p
0x00
0x19
User Test
Pattern 1 LSB
User Test Pattern 1 LSB; use in conjunction with Address 0x0D and Address 0x61
0x1A
User Test
Pattern 1 MSB
User Test Pattern 1 MSB
0x1B
User Test
Pattern 2 LSB
User Test Pattern 2 LSB
0x1C
User Test
Pattern 2 MSB
User Test Pattern 2 MSB
0x1D
User Test
Pattern 3 LSB
User Test Pattern 3 LSB
0x1E
User Test
Pattern 3 MSB
User Test Pattern 3 MSB
0x1F
User Test
Pattern 4 LSB
User Test Pattern 4 LSB
0x20
User Test
Pattern 4 MSB
User Test Pattern 4 MSB
0x21
PLL low
encode
00 = for lane speeds of
>2 Gbps,
01 = for lane speeds of
<2 Gbps
0x00
0x3A
SYNCINB±/
SYSREF±
control
JESD204B
realign
SYNCINB±:
0 = normal
mode,
1 = realigns
lane on
every active
SYNCINB±
JESD204B
realign
SYSREF±:
0 =
normal
mode,
1 =
realigns
lane on
every
active
SYSREF±
SYSREF±
mode:
0 =
continuous
reset clock
dividers,
1 = sync on
next
SYSREF±
rising edge
only
SYSREF±
enable:
0 =
disabled,
1 =
enabled
Note: This
bit self-
clears after
SYSREF if
SYSREF±
mode = 1
Enable
internal
SYSREF±
buffer;
0 = buffer
disabled,
external
SYSREF±
pin ignored;
1 = buffer
enabled,
use external
SYSREF± pin
0x00
0x3C
NSR control
Bandwidth
mode
(NSR):
0 = 22%,
1 = 33%
NSR enable
0x00
0x3E
NSR tuning
word
Noise shaped requantizer tuning word;
selects the center frequency of the noise transfer function (NTF);
57 possible tuning words (TW) exist for 22% mode and 34 possible tuning words (TW)
exist for 33% mode; each step is 0.5% of the ADC sample rate
0x1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com