Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 30Page - Analog Devices AD6677EBZ Datasheet HTML 31Page - Analog Devices AD6677EBZ Datasheet HTML 32Page - Analog Devices AD6677EBZ Datasheet HTML 33Page - Analog Devices AD6677EBZ Datasheet HTML 34Page - Analog Devices AD6677EBZ Datasheet HTML 35Page - Analog Devices AD6677EBZ Datasheet HTML 36Page - Analog Devices AD6677EBZ Datasheet HTML 37Page - Analog Devices AD6677EBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 34 of 48
Table 16. Features Accessible Using the SPI
Feature Name
Description
Mode
Allows the user to set either power-down mode or standby mode
Clock
Allows the user to access the DCS via the SPI
Offset
Allows the user to digitally adjust the converter offset
Test Input/Output
Allows the user to set test modes to have known data on output bits
Output Mode
Allows the user to set up outputs
Output Phase
Allows the user to set the output clock polarity
Output Delay
Allows the user to vary the DCO delay
VREF
Allows the user to set the reference voltage
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
Figure 58. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com