Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 32Page - Analog Devices AD6677EBZ Datasheet HTML 33Page - Analog Devices AD6677EBZ Datasheet HTML 34Page - Analog Devices AD6677EBZ Datasheet HTML 35Page - Analog Devices AD6677EBZ Datasheet HTML 36Page - Analog Devices AD6677EBZ Datasheet HTML 37Page - Analog Devices AD6677EBZ Datasheet HTML 38Page - Analog Devices AD6677EBZ Datasheet HTML 39Page - Analog Devices AD6677EBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 36 of 48
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 17 are not currently supported for this device.
Table 17. Memory Map Registers
Reg
Addr
(Hex)
Reg Addr
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x00
SPI port
configuration
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
0x01
Chip ID
AD6677 8-bit Chip ID is 0xC4
0xC4
Read only
0x02
Chip grade
Speed grade:
00 = 250 MSPS
Reserved for chip die revision currently 0x0
0x00
0x08
PDWN
modes
External
PDWN
mode:
0 =
PDWN is
full
power-
down,
1 =
PDWN
puts
device in
standby
JESD204B
standby
mode (when
external
PDWN is
used):
0 = JESD204B
core is
unaffected,
1 = JESD204B
core is
powered
down except
for PLL
JESD204B power modes:
00 = normal mode
(power-up);
01 = power-down mode,
PLL off, serializer off,
clocks stopped,
digital held in reset;
10 = standby mode:
PLL on, serializer off,
clocks stopped, digital
circuitry held in reset
ADC power modes:
00 = normal mode
(power-up),
01 = power-down mode,
10 = standby mode,
does not affect JESD204B
digital circuitry
0x00
0x09
Global clock
Reserved
Clock selection:
00 = Nyquist clock,
01 = RF clock divide by 2,
10 = RF clock divide by 4,
11 = clock off
Clock duty
cycle
stabilizer
enable
0x01
DCS enabled
if clock
divider
enabled
0x0A
PLL status
PLL locked
status
JESD204B
link is ready
Read only
0x0B
Clock divider
Clock divide phase relative to the
encode clock:
0x0 = 0 input clock cycles delayed,
0x1 = 1 input clock cycles delayed,
0x2 = 2 input clock cycles delayed,
…
0x7 = 7 input clock cycles delayed
Clock divider ratio relative to the
encode clock:
0x00 = divide by 1,
0x01 = divide by 2,
0x02 = divide by 3,
…
0x07 = divide by 8
0x00
Clock divide
values other
than 0x00
automatically
cause the
DCS to
become
active
0x0D
Test mode
User test mode cycle:
00 = repeat pattern (user
pattern 1, 2, 3, 4, 1, 2, 3,
4, 1, …);
10 = single pattern
(user pattern 1, 2, 3, 4,
then all zeros)
Long
pseudo-
random
number
generator
reset:
0 = long
PRN
enabled,
1 = long
PRN held
in reset
Short
pseudo-
random
number
generator
reset:
0 = short
PRN
enabled,
1 = short
PRN held in
reset
Data output test generation mode:
0000 = off (normal mode),
0001 = midscale short,
0010 = positive full scale,
0011 = negative full scale,
0100 = alternating checkerboard,
0101 = PN sequence long,
0110 = PN sequence short,
0111 = 1/0 word toggle,
1000 = user test mode (use with Address 0x0D,
Bits[7:6] and user pattern 1, 2, 3, 4),
1001 to 1110 = unused,
1111 = ramp output
0x00
0x10
Customer
offset
Offset adjust in LSBs from +31 to −32 (twos complement format):
01 1111 = adjust output by +31,
01 1110 = adjust output by +30,
…
00 0001 = adjust output by +1,
00 0000 = adjust output by 0 (default),
…
10 0001 = adjust output by −31,
10 0000 = adjust output by −32
0x00
0x14
Output
mode
JESD204B CS bits assignment
(in conjunction with Address 0x72):
000 = {overrange||underrange, valid},
001 = {overrange, underrange},
010 = {overrange||underrange, blank},
011 = {blank, valid},
100 = {blank, blank},
101 = {underrange, overrange},
110 = {valid, overange||underrange},
111 = {valid, blank}
ADC output
disable
ADC data
invert:
0 = normal
(default),
1 =
inverted
Data format select (DFS):
00 = offset binary,
01 = twos complement
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com