Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 26Page - Analog Devices AD6677EBZ Datasheet HTML 27Page - Analog Devices AD6677EBZ Datasheet HTML 28Page - Analog Devices AD6677EBZ Datasheet HTML 29Page - Analog Devices AD6677EBZ Datasheet HTML 30Page - Analog Devices AD6677EBZ Datasheet HTML 31Page - Analog Devices AD6677EBZ Datasheet HTML 32Page - Analog Devices AD6677EBZ Datasheet HTML 33Page - Analog Devices AD6677EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 30 of 48
0
–0.5
0.5
ULS
PERIOD1: HISTOGRAM
6000
7000
–10
0
TIME (ps)
10
5000
4000
1000
0
2000
3000
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
–
2
–
–100
–200
0
100
200
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ AT BER1: BATHTUB
EYE: ALL BITS OFFSET: 0
ULS: 7000; 993329 TOTAL: 7000; 993329
Figure 56. AD6677 Digital Outputs Data Eye, Histogram, and Bathtub, External 100 Ω Terminations at 5 Gbps
ADC OVERRANGE AND GAIN CONTROL
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overflow indicator provides delayed information on
the state of the analog input that is of limited value in preventing
clipping. Therefore, it is helpful to have a programmable threshold
below full scale that allows time to reduce the gain before the
clip occurs. In addition, because input signals can have significant
slew rates, latency of this function is of concern.
Using the SPI port, the user can provide a threshold above which
the FD output is active. Bit 0 of Address 0x45 enables the fast
detect feature. Address 0x47 to Address 0x4A allow the user to
set the threshold levels. As long as the signal is below the selected
threshold, the FD output remains low. In this mode, the magnitude
of the data is considered in the calculation of the condition, but
the sign of the data is not considered. The threshold detection
responds identically to positive and negative signals outside the
desired range (magnitude).
ADC Overrange (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipeline and, therefore, is
subject to a latency of 36 ADC clock cycles. An overrange at the
input is indicated by this bit 36 clock cycles after it occurs.
Gain Switching
The AD6677 includes circuitry that is useful in applications
either where large dynamic ranges exist, or where gain ranging
amplifiers are employed. This circuitry allows digital thresholds
to be set such that an upper threshold and a lower threshold can
be programmed.
One such use is to detect when an ADC is about to reach full
scale with a particular input condition. The result is to provide
an indicator that can be used to quickly insert an attenuator that
prevents ADC overdrive.
Fast Threshold Detection (FD)
The FD indicator is asserted if the input magnitude exceeds the
value programmed in the fast detect upper threshold registers,
located in Address 0x47 and Address 0x48. The selected threshold
register is compared with the signal magnitude at the output of
the ADC. The fast upper threshold detection has a latency of
four clock cycles. The approximate upper threshold magnitude
is defined by
Upper Threshold Magnitude (dBFS) = 20 log (Threshold
Magnitude/213)
The FD indicators are not cleared until the signal drops below
the lower threshold for the programmed dwell time. The lower
threshold is programmed in the fast detect lower threshold
registers, located at Address 0x49 and Address 0x4A. The fast
detect lower threshold register is a 16-bit register that is compared
with the signal magnitude at the output of the ADC. This
comparison is subject to the ADC pipeline latency but is
accurate in terms of converter resolution. The lower threshold
magnitude is defined by
Lower Threshold Magnitude (dBFS) = 20 log (Threshold
Magnitude/213)
For example, to set an upper threshold of −6 dBFS, write
0x0FFF to those registers, and to set a lower threshold of
−10 dBFS, write 0x0A1D to those registers.
The dwell time can be programmed from 1 to 65,535 sample
clock cycles by placing the desired value in the fast detect dwell
time registers, located in Address 0x4B and Address 0x4C.
The operation of the upper threshold and lower threshold registers,
along with the dwell time registers, is shown in Figure 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com