Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD6677EBZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6677EBZ Datasheet HTML 12Page - Analog Devices AD6677EBZ Datasheet HTML 13Page - Analog Devices AD6677EBZ Datasheet HTML 14Page - Analog Devices AD6677EBZ Datasheet HTML 15Page - Analog Devices AD6677EBZ Datasheet HTML 16Page - Analog Devices AD6677EBZ Datasheet HTML 17Page - Analog Devices AD6677EBZ Datasheet HTML 18Page - Analog Devices AD6677EBZ Datasheet HTML 19Page - Analog Devices AD6677EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 16 of 48
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 19. Equivalent Analog Input Circuit
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 20. Equivalent Clock lnput Circuit
VCM
DRVDD
SERDOUT0±
SERDOUT0±
3mA
3mA
3mA
3mA
RTERM
DRVDD
DRVDD
Figure 21. Digital CML Output Circuit
BIAS
CONTROL
10kΩ
RFCLK
INTERNAL
CLOCK DRIVER
0.5pF
AVDD
Figure 22. Equivalent RF Clock lnput Circuit
400Ω
31kΩ
DVDD
SDIO
Figure 23. Equivalent SDIO Circuit
400Ω
30kΩ
DVDD
PDWN,
SCLK,
CS
Figure 24. Equivalent PDWN, SCLK, or CS Input Circuit
0.9V
17kΩ
17kΩ
SYNCINB+
SYNCINB–
DVDD
DVDD
DVDD
Figure 25. Equivalent SYNCINB± Input Circuit
0.9V
17kΩ
17kΩ
SYSREF+
SYSREF–
AVDD
AVDD
AVDD
Figure 26. Equivalent SYSREF± Input Circuit
RST
400
Ω
28k
Ω
DVDD
DVDD
Figure 27. Equivalent RST Input Circuit
400
VCM
Ω
AVDD
Figure 28. Equivalent VCM Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com