Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 41Page - Analog Devices AD9925BBCZ Datasheet HTML 42Page - Analog Devices AD9925BBCZ Datasheet HTML 43Page - Analog Devices AD9925BBCZ Datasheet HTML 44Page - Analog Devices AD9925BBCZ Datasheet HTML 45Page - Analog Devices AD9925BBCZ Datasheet HTML 46Page - Analog Devices AD9925BBCZ Datasheet HTML 47Page - Analog Devices AD9925BBCZ Datasheet HTML 48Page - Analog Devices AD9925BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
AD9925
Rev. A | Page 45 of 96
6dB ~ 42dB
CCDIN
DC RESTORE
DIGITAL
FILTER
CLPOB
OPTICAL BLACK
CLAMP
12-BIT
ADC
VGA
DAC
8
2V FULL SCALE
PRECISION
TIMING
GENERATION
V-H
TIMING
GENERATION
SHP
SHD
DOUT
PHASE
CLPOB
PBLK
PBLK
AD9925
CDS
SHP
SHD
1.3V
INTERNAL
VREF
REFT
REFB
1.0V
2.0V
0.1
µF
1.0
µF 1.0µF
VGA GAIN
REGISTER
CLAMP LEVEL
REGISTER
12
OUTPUT
DATA
LATCH
DOUT PHASE
DCLK
DOUT
DLY
DCLK
MODE
FIXED
DELAY
CLI
1
0
DOUT
CLI
Figure 55. Analog Front End Functional Block Diagram
ANALOG FRONT END DESCRIPTION
AND OPERATION
The AD9925 signal processing chain is shown in Figure 55.
Each processing step is essential in achieving a high quality
image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc-
restore circuit is used with an external 0.1 µF series coupling
capacitor. This restores the dc level of the CCD signal to ap-
proximately 1.3 V, which allows it to be compatible with the
3 V supply voltage of the AD9925.
Correlated Double Sampler
he CDS circuit samples each CCD pixel twice to extract the
video information and reject the low frequency noise. The timing
shown in Figure 19 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference level
and data level of the CCD signal, respectively. The placement of
the SHP and SHD sampling edges is determined by setting the
SAMPCONTROL register located at Addr 0x36. Placement of
these two clock signals is critical in achieving the best perform-
ance from the CCD.
Variable Gain Amplifier
The VGA stage provides a gain range of 6 dB to 42 dB, program-
mable with 10-bit resolution through the serial digital interface.
The minimum gain of 6 dB is needed to match a 1 V input signal
with the ADC full-scale range of 2 V. When compared to 1 V full-
scale systems, the equivalent gain range is 0 dB to 36 dB.
The VGA gain curve follows a linear-in-dB characteristic. The
exact VGA gain can be calculated for any gain register value by
using the equation
Gain (dB) = (0.0351 × Code) + 6 dB
ange is 0 to 1023.
T
where the Code r
VGA GAIN REGISTER CODE
42
36
30
24
18
12
6
0
127
255
383
511
639
767
895
1023
Figure 56. VGA Gain Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com