Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 53Page - Analog Devices AD9925BBCZ Datasheet HTML 54Page - Analog Devices AD9925BBCZ Datasheet HTML 55Page - Analog Devices AD9925BBCZ Datasheet HTML 56Page - Analog Devices AD9925BBCZ Datasheet HTML 57Page - Analog Devices AD9925BBCZ Datasheet HTML 58Page - Analog Devices AD9925BBCZ Datasheet HTML 59Page - Analog Devices AD9925BBCZ Datasheet HTML 60Page - Analog Devices AD9925BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
AD9925
Rev. A | Page 57 of 96
the individual supply pins are separately bypassed. A separate
of
e care-
lly decoupled to ground as close as possible to their respective
pins. The analog input (CCDIN) capacitor should also be located
close to the pin.
CIRCUIT LAYOUT INFORMATION
The AD9925 typical circuit connections are shown in Figure 73.
The PCB layout is critical in achieving good image quality from
the AD9925. All of the supply pins, particularly the AVDD,
TCVDD, RGVDD, and HVDD supplies, must be decoupled to
ground with good quality, high frequency chip capacitors. The
decoupling capacitors should be located as close as possible to
the supply pins and should have a very low impedance path to a
continuous ground plane. There should also be a 4.7 µF or larger
value bypass capacitor near each main supply—AVDD, HVDD,
DRVDD, VL, and VH—although this is not necessary for each
individual pin. In most applications, it is easier to share the
supply for RGVDD and HVDD, which may be done as long as
3 V supply may also be used for DRVDD, but this supply pin
should still be decoupled to the same ground plane as the rest
the chip. A separate ground for DRVSS is not recommended.
The analog bypass pins (REFT and REFB) should also b
fu
The H1 to H4 and RG traces should be designed to have low
inductance to avoid excessive distortion of the signals. Heavier
traces are recommended because of the large transient current
demand on H1 to H4 by the CCD. If possible, physically locat-
ing the AD9925 closer to the CCD will reduce the inductance
on these lines. As always, the routing path should be as direct as
possible from the AD9925 to the CCD.
The AD9925 also contains an on-chip oscillator for driving an
external crystal. Figure 72 shows an example of an application
using a typical 24 MHz crystal. For the exact values of the exter-
nal resistors and capacitors, it is best to consult with the crystal
manufacturer’s data sheet.
20pF
20pF
CLI
CLO
AD9925
24MHz
XTAL
J6
J4
1M
Ω
500
Ω
Figure 72. Crystal Driver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com