Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 28Page - Analog Devices AD9925BBCZ Datasheet HTML 29Page - Analog Devices AD9925BBCZ Datasheet HTML 30Page - Analog Devices AD9925BBCZ Datasheet HTML 31Page - Analog Devices AD9925BBCZ Datasheet HTML 32Page - Analog Devices AD9925BBCZ Datasheet HTML 33Page - Analog Devices AD9925BBCZ Datasheet HTML 34Page - Analog Devices AD9925BBCZ Datasheet HTML 35Page - Analog Devices AD9925BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
AD9925
Rev. A | Page 32 of 96
VD
XV1 TO XV8
HD
REGION 1: SWEEP REGION
LINE 0
LINE 1
REGION 0
REGION 2
LINE 24
LINE 25
LINE 2
SCP 1
SCP 2
Figure 40. Example of Sweep Region for High Speed Vertical Shift
XV1 TO XV8
VPATLEN
MULTIPLIER MODE VERTICAL PATTERN GROUP PROPER
1. START POLARITY (ABOVE: STARTPOL =
2. FIRST, SECOND, AND THIRD TOGGLE PO
HD
TIES:
0).
SITIONS (ABOVE: VTOG1 = 2
S IS THE MIN
AY ALSO C
OG × VPAT
, VTOG2 = 9).
IMUM RESOLUTION FOR TOGGLE POSITION CHANGES.
ROSS THE HD BOUNDRIES, AS SHOWN ABOVE.
LEN).
3. LENGTH OF VPAT COUNTER (ABOVE: VPATLEN = 4); THI
5. IF SWEEP REGION IS ENABLED, THE VERTICAL PULSES M
4. TOGGLE POSITIONS OCCUR AT LOCATION EQUAL TO (VT
1234123412
3
4
1
2
3
4
PIXEL
NUMBER
1
2
3
4
START POSITION OF VPAT GROUP IS STILL PROGRAMMED IN THE VERTICAL SEQUENCE REGISTERS
1234123412
341234123
4
123456789 10 11 12 13 14 15 16 1
3
5
4
1
2
7 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
5
2
4
for Wide Vertical Pulse Timing
Figure 41. Example of Mult
Vertical Sensor Gate (Shift Gate) Patterns
iplier Region
an interline CCD, the sensor gates (SG) are used to transfer
rtica
t
is then clocked out line-by-line, using the
r puls
spe
ns the
he
iste
SG o
o XSG6. E
the o
can be assigned to one of four programmed patterns by using
the SGPATSEL registers. Each pattern is generated in a similar
manner as the vertical pattern groups, with a programmable
start polarity (SGPOL), first toggle position (SGTOG1), and
second toggle position (SGTOG2). The active line where the SG
pulses occur is programmable using the SGLINE1 and
SGLINE2 registers. Additionally, any of the XSG1 to XSG6
outputs may be individually disabled by using the SGMASK
register. The individual masking allows all of the SG patterns to
m
ppr
fo
nt
fields can be separately enabled. For maximum flexibility, the
M
L
ble f
. Se
lete
in-
Sequ
n f
ils.
he
i
r
-
rides the SG masking in the field registers (Bank 2). The
SGMASK_OVR register allows sensor gate masking to be
changed without modifying the field register values. Setting the
SGMASKOVR_EN bit high enables the SGMASK override
function. The SGMASK_OVR register is SCK updated, so the
new SG masking values will update immediately.
In
the pixel charges from the light-sensitive image area into the
light-shielded ve
l registers. From he light-shielded vertical
registers, the image
vertical transfe
es in conjunction with the high
ed hori-
zontal clocks.
Table 17 con
AD9925 has six
tai
summary of t
utputs, XSG1 t
SG pattern reg
ach of
rs. The
utputs
be preprogram ed, and the a
opriate pulses
r the differe
SGPATSEL, SG ASK, and SG INE registers are separately
programma
or each field
e the Comp
Field: Comb
ing Vertical
ences sectio
or more deta
Additionally, t re is a register n Bank 1 (Add 0x55) that over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com