Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 58Page - Analog Devices AD9925BBCZ Datasheet HTML 59Page - Analog Devices AD9925BBCZ Datasheet HTML 60Page - Analog Devices AD9925BBCZ Datasheet HTML 61Page - Analog Devices AD9925BBCZ Datasheet HTML 62Page - Analog Devices AD9925BBCZ Datasheet HTML 63Page - Analog Devices AD9925BBCZ Datasheet HTML 64Page - Analog Devices AD9925BBCZ Datasheet HTML 65Page - Analog Devices AD9925BBCZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
AD9925
Rev. A | Page 62 of 96
R REGISTER BANK 1
egister
D updated, except where noted. L
= SCK
Table 37. AFE Register Map
ddress
Data Bit Content
Default Value
Register Name
Register Description
COMPLETE LISTING FO
All r
s are V
ight gray cells
updated, and dark gray cells = SG line updated.
A
00
[11:0]
7
OPRMODE
AFE Operation Modes (See Table 45 for detail)
01
[9:0]
0
VGAGAIN
VGA Gain
02
[7:0]
80
O
CLAMPLEVEL
ptical Black Clamp Leve
03
[11:0]
4
CTLMODE
AFE Control Modes (See Table 46 for detail)
Table 38. Miscellaneous Regist
s
it Content
lt Value
Register Descri
er Map
Defau
Addres
Data B
Register Name
ption
0A
[17:0]
3FF8
STBY1POL
Polarities for Output Signals during Standby 1 Mode.
0B
[17:0]
3FF8
STBY2POL
Polarities for Output Signals during Standby 2 Mode.
0C
[17:0]
0
STBY3POL
Po
ode.
larities for Output Signals during Standby 3 M
0D
[17:0]
3FF8
OCONTPOL
Polarities for Output Signals When OUTCONTROL = 0.
10
[0]
0
SW_RST
Software Reset. 1: Reset all registers to default, then self clear back
to 0.
11
[0]
0
OUTCONTROL
O
inactive.
utput Control. 0: Make all outputs dc
12
[0]
1
SYNCENABLE
Configures Pin 52 as a SYNC Input (= 1) or CLPOB/PBLK Output (= 0).
13
[0]
0
SYNCPOL
SYNC Active Polarity (0: Active Low).
14
[0]
0
SYNCSUSPEND
Suspend Clocks during SYNC Active (1: Suspend).
15
[0]
0
TGCORE_RSTB
Timing Core Reset Bar. 0: Reset TG Core, 1: Resume Operation.
16
[0]
1
OSC_PWRDOW
N
CL
wered Down).
O Oscillator Power-Down (0: Oscillator Is Po
17
UNUSED
Set to 0.
18
[0]
0
TEST
Internal Use Only. Must be set to 0.
19
[11:0]
Se
VD updated registers.
0
UPDATE
rial Update. Line (HD) in the field to update
1A
Pr
[0]
0
PREVENTUP-
DATE
events the update of the VD updated registers. 1: Prevent Update.
1B
[23:0]
0
MODE
MODE Register.
1C
UNUSED
Set to 0.
1D
[0]
0
OUTPUTPBLK
Assigns Output for Pin 52 When Configured as Output.
0: CLPOB, 1: PBLK.
1E
[0]
0
DVCMODE
1: Enable DVC Mode. VD counter will reset every 2 fields, instead of
every field. VDLEN register should be programmed to the total num-
ber of lines contained in 2 fields, e.g., VDLEN = 525 lines will results
in 262.5 lines in each field.
1F
[0]
0
INVERT_DCLK
1: Invert the DCLK Output.
E7
[2:0]
[3]
[5:4]
[6]
[7]
[8]
0
SHUT_EXTRA
Set to 0.
Selects FG_TRIG Signal to VSUB Pin (See Page 43).
Set to 0.
H3HBLKOFF, Set to 1 to Enable H3/H4 Outputs during HBLK (See
Page 19).
Set to 0.
Combines FG_TRIG and VSUB Signals (See Page 43).
EB
[3:0]
0
FG_TRIGEN
FG_TRIG Signal Enable (See Page 43).
F2
[0]
0
FG_TRIGPOL
FG_TRIG Start Polarity.
F3
[11:0]
0
FG_TRIGLIN1
FG_TRIG First Toggle Position, Line Location.
F4
[12:0]
0
FG_TRIGPIX1
FG_TRIG First Toggle Position, Pixel Location.
F5
[11:0]
0
FG_TRIGLIN2
FG_TRIG Second Toggle Position, Line Location.
F6
[12:0]
0
FG_TRIGPIX2
FG_TRIG Second Toggle Position, Pixel Location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com