Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 4Page - Analog Devices AD9925BBCZ Datasheet HTML 5Page - Analog Devices AD9925BBCZ Datasheet HTML 6Page - Analog Devices AD9925BBCZ Datasheet HTML 7Page - Analog Devices AD9925BBCZ Datasheet HTML 8Page - Analog Devices AD9925BBCZ Datasheet HTML 9Page - Analog Devices AD9925BBCZ Datasheet HTML 10Page - Analog Devices AD9925BBCZ Datasheet HTML 11Page - Analog Devices AD9925BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
AD9925
Rev. A | Page 8 of 96
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect To
Min
Max
Unit
VDVDD
VDVSS
VDVSS
– 0.3
VDVSS
+ 4
V
VL
VDVSS
VDVSS
– 10
VDVSS
+ 0.3
V
VH1, VH2
VDVSS
VL –
0.3
VL +
27
V
VM1, VM2
VDVSS
VL –
0.3
VL +
27
V
AVDD
AVSS
–0.3
+3.9
V
TCVDD
TCVSS
–0.3
+3.9
V
HVDD
HVSS
–0.3
+3.9
V
RGVDD
RGVSS
–0.3
+3.9
V
DVDD
DVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
RG Output
RGVSS
–0.3
RGVD
D + 0.3
V
H1 to H4 Output
HVSS
–0.3
HVDD
+ 0.3
V
Digital Outputs
DVSS
–0.3
DVDD
+ 0.3
V
Digital Inputs
DVSS
–0.3
DVDD
+ 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD
+ 0.3
V
REFT/REFB, CCDIN
AVSS
–0.3
AVDD
+ 0.3
V
Junction Tempera-
ture
150
°C
Lead Temperature,
10 s
350
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL CHARACTERISTICS
Thermal Resistance
CSPBGA Package: θJA = 40.3°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy elec-
trostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation
or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com